Electronic Components Datasheet Search
  English  ▼

X  

LM78M08 Datasheet(PDF) 2 Page - First Components International

Part # LM78M08
Description  LM78M00Series-Terminal Low Current Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM78M08 Datasheet(HTML) 2 Page - First Components International

  LM78M08 Datasheet HTML 1Page - First Components International LM78M08 Datasheet HTML 2Page - First Components International LM78M08 Datasheet HTML 3Page - First Components International LM78M08 Datasheet HTML 4Page - First Components International LM78M08 Datasheet HTML 5Page - First Components International LM78M08 Datasheet HTML 6Page - First Components International LM78M08 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2
ABSOLUTE MAXIMUM RATINGS OVER OPERATING TEMPERATURE RANGE
(unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS
Characteristics
PARAMETER
MIN
MAX
UNIT
LM78M05
THRU
LM78M20
LM78M24
UNIT
Input voltage
Operating free-air, case, or virtual junction temperature
range
Storage temperature range
Lead temperature 1.6 mm (1/16 inch) from case for
10 seconds
LM78M05
LM78M06
LM78M08
LM78M09
LM78M10
LM78M12
LM78M15
LM78M18
LM78M20
LM78M24
Input voltage, VI
Output current, I
Operating virtual junction temperature, TJ
7
8
10.5
11.5
12.5
14.5
17.5
20.5
23
26.5
0
25
25
25
26
28
30
30
33
35
39
500
125
V
mA
C
35
0 to 1 50
-65 to 150
260
40
0 to 1 50
-65 to 150
260
V
C
LM78M00Series-Terminal Low Current
Positive Voltage Regulators



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com