Electronic Components Datasheet Search
  English  ▼

X  

LM78M08 Datasheet(PDF) 4 Page - First Components International

Part # LM78M08
Description  LM78M00Series-Terminal Low Current Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM78M08 Datasheet(HTML) 4 Page - First Components International

  LM78M08 Datasheet HTML 1Page - First Components International LM78M08 Datasheet HTML 2Page - First Components International LM78M08 Datasheet HTML 3Page - First Components International LM78M08 Datasheet HTML 4Page - First Components International LM78M08 Datasheet HTML 5Page - First Components International LM78M08 Datasheet HTML 6Page - First Components International LM78M08 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P4
LM78M00Series-Terminal Low Current
Positive Voltage Regulators
LM78M09 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =16V,I
=350mA (unless otherwise noted)
I
LM78M10 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =17V,I
=350mA (unless otherwise noted)
I
LM78M12 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =19V,I
=350mA (unless otherwise noted)
I
PARAMETER
PARAMETER
PARAMETER
TEST CONDITIONS*
TEST CONDITIONS*
TEST CONDITIONS*
LM78M09
LM78M10
LM78M12
MIN
MIN
MIN
TYP
TYP
TYP
MAX
MAX
MAX
UNIT
UNIT
UNIT
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
I
= 5mA to 350mA,
VI= 11.5V to 24V,
P
15W
VI= 11.5V to 26V,
VI= 12V to 26V
VI= 13V to 23V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 11.5V to 26V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 5mA to 350mA,
VI= 12.5V to 25V,
P
15W
VI= 12.5V to 28V,
VI= 14V to 20V
VI= 13V to 23V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 12.5V to 28V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 5mA to 350mA,
VI= 14.5V to 27V,
P
15W
VI= 14.5V to 30V,
VI= 16V to 30V
VI= 15V to 25V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 14.5V to 30V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 100mA
I
= 300mA
I
= 100mA
I
= 300mA
I
= 100mA
I
= 300mA
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
8.65
8.55
56
56
9.6
9.5
59
55
11.5
11.4
55
55
9
9
6
2
80
20
10
-1
60
2.0
4.6
250
0.7
10
10
7
2
80
20
10
-1.0
70
2.0
4.6
245
0.7
12
12
10
3
80
25
10
-1.0
75
2.0
4.6
240
0.7
9.35
9.45
100
50
180
90
6
0.8
0.5
10.4
10.5
100
50
200
100
6
0.8
0.5
12.5
12.6
100
50
240
120
6
0.8
0.5
V
mV
dB
mV
mV/
V
V
mA
A
V
mV
dB
mV
mV/
V
V
mA
A
V
mV
dB
mV
mV/
V
V
mA
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com