Electronic Components Datasheet Search
  English  ▼

X  

TPS65130RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65130RGET
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65130RGET Datasheet(HTML) 2 Page - Texas Instruments

  TPS65130RGET Datasheet HTML 1Page - Texas Instruments TPS65130RGET Datasheet HTML 2Page - Texas Instruments TPS65130RGET Datasheet HTML 3Page - Texas Instruments TPS65130RGET Datasheet HTML 4Page - Texas Instruments TPS65130RGET Datasheet HTML 5Page - Texas Instruments TPS65130RGET Datasheet HTML 6Page - Texas Instruments TPS65130RGET Datasheet HTML 7Page - Texas Instruments TPS65130RGET Datasheet HTML 8Page - Texas Instruments TPS65130RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
(1)
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
The converter operates with a fixed frequency PWM control topology and, if power-save mode is enabled, it uses
a pulse-skipping mode at light load currents. It operates with only 500-µA device quiescent current. Independent
enable pins allow power up and power down sequencing for both outputs. The device has an internal current
limit overvoltage protection and a thermal shutdown for highest reliability under fault conditions.
ORDERING INFORMATION
TA
SWITCH CURRENT LIMIT
PART NUMBER(1)
BOOST CONVERTER
INVERTING CON-
VERTER
–40
°C to 85°C
800 mA
800 mA
TPS65130RGE
–40
°C to 85°C
1950 mA
1950 mA
TPS65131RGE
(1)
The RGE package is availabletaped and reeled. Add an R suffix to the device type (i.e.,
TPS65130RGER) toorder quantities of 3000 devices per reel. It is also available in minireels. Add a T
suffix to the device type (i.e., TPS65130RGET) toorder quantities of 250 devices per reel.
over operating free-air temperature range unless otherwise noted(1)
TPS65130/1
VIN, INN
Input voltage range at pins (2)
–0.3 V to +6.0 V
VPOS
Maximum voltage at pin (2)
17 V
VNEG
Minimum voltage at pin (2)
–17 V
Voltage at pins ENN, ENP, FBP, FBN, CN, CP, PSP, PSN, BSW (2)
–0.3 V to VIN + 0.3 V
INP
Input voltage at pin (2)
17 V
Differential voltage between pins OUTN to VINN(2)
24 V
TJ
Operating virtual junction temperature
–40
°C to 150°C
TSTG
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listedunder "absolute maximum ratings” may cause permanent damage to thedevice. These are stress ratings
only, and functional operation of the deviceat these or any other conditions beyond those indicated under "recommendedoperating
conditions” is not implied. Exposure to absolute-maximum-ratedconditions for extended periods may affect device reliability.
(2)
All voltage values are withrespect to network ground terminal, unless otherwisenoted.
DERATING FACTOR
TA = 70°C
TA = 85°C
TA≤ 25°C
PACKAGE
Θ
JA
Θ
JB
Θ
JC
ABOVE TA = 25°C
POWER RATING
POWER
POWER RATING
RATING
RGE
37.8
°C/W 27.8 °C/W 57.9 °C/W
2646 mW
26 mW/
°C
1455 mW
1058 mW
(1)
This thermal data is based on assembly of the device on a JEDEC high K board. The PowerPAD must be soldered on a pad on the
board. There must be vias within the pad that contact the ground plane in the PCB. Exceeding the maximum junctiontemperature will
force the device into thermalshutdown.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com