Electronic Components Datasheet Search
  English  ▼

X  

TPS65130RGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65130RGET
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65130RGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65130RGET Datasheet HTML 9Page - Texas Instruments TPS65130RGET Datasheet HTML 10Page - Texas Instruments TPS65130RGET Datasheet HTML 11Page - Texas Instruments TPS65130RGET Datasheet HTML 12Page - Texas Instruments TPS65130RGET Datasheet HTML 13Page - Texas Instruments TPS65130RGET Datasheet HTML 14Page - Texas Instruments TPS65130RGET Datasheet HTML 15Page - Texas Instruments TPS65130RGET Datasheet HTML 16Page - Texas Instruments TPS65130RGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
50
55
60
65
70
75
80
85
90
95
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
IO = 5 mA
VI − Input Voltage − V
IO = 100 mA
IO = 50 mA
VNEG = −8 V
In Power−Save Mode
50
55
60
65
70
75
80
85
90
95
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
IO = 5 mA
VI − Input Voltage − V
IO = 100 mA
IO = 50 mA
VNEG = −10 V
In Power−Save Mode
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1000
VIN = 4.2 V
VIN = 3 V
Power−Save Mode
Forced PWM
IO − Output Current − mA
VO = 13.5 V
(9 V, −4.5 V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Power−Save Mode
VIN = 5 V
VIN = 3 V
Forced PWM
TPS65131
VO = 30 V
(+15 V)
IO − Output Current − mA
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS65130
TPS65130
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 21.
Figure 22.
TPS65130
TPS65131
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 23.
Figure 24.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com