Electronic Components Datasheet Search
  English  ▼

X  

PCM1606E Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1606E
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606E Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1606E Datasheet HTML 17Page - Texas Instruments PCM1606E Datasheet HTML 18Page - Texas Instruments PCM1606E Datasheet HTML 19Page - Texas Instruments PCM1606E Datasheet HTML 20Page - Texas Instruments PCM1606E Datasheet HTML 21Page - Texas Instruments PCM1606E Datasheet HTML 22Page - Texas Instruments PCM1606E Datasheet HTML 23Page - Texas Instruments PCM1606E Datasheet HTML 24Page - Texas Instruments PCM1606E Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
21
www.ti.com
APPLICATION INFORMATION
D/A output filter circuits
Delta-sigma D/A converters utilize noise shaping techniques to improve in-band signal-to-noise ratio (SNR)
performance at the expense of generating increased out-of-band noise above the Nyquist frequency, or fS/2.
The out-of-band noise must be low-pass filtered in order to provide optimal converter performance. This is
accomplished by a combination of on-chip and external low-pass filtering.
Figure 30 and Figure 31 show the recommended external low-pass active filter circuits for dual- and
single-supply applications. These circuits are 2nd-order Butterworth filters using the multiple feedback (MFB)
circuit arrangement, which reduces sensitivity to passive component variations over frequency and
temperature. For more information regarding MFB active filter design, see your local Texas Instruments sales
office.
Because the overall system performance is defined by the quality of the D/A converters and their associated
analog output circuitry, high-quality audio op amps are recommended for the active filters. Texas Instruments’
OPA2134 and OPA2353 dual op amps are shown in Figure 30 and Figure 31, and are recommended for use
with the PCM1606.
2
3
1
OPA2134
−
+
VOUT
R4
C2
C1
R3
R2
R1
VIN
A
V [*
R
2
R
1
Figure 30. Dual-Supply Filter Circuit
2
3
1
OPA2134
−
+
VOUT
R4
C2
C1
R3
R2
R1
VIN
A
V [*
R
2
R
1
OPA337
−
+
PCM1606
VCOM
C2
10
µF
+
To Additional
Low-Pass Filter
Circuits
Figure 31. Single-Supply Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com