Electronic Components Datasheet Search
  English  ▼

X  

PCM1606E Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1606E
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606E Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1606E Datasheet HTML 9Page - Texas Instruments PCM1606E Datasheet HTML 10Page - Texas Instruments PCM1606E Datasheet HTML 11Page - Texas Instruments PCM1606E Datasheet HTML 12Page - Texas Instruments PCM1606E Datasheet HTML 13Page - Texas Instruments PCM1606E Datasheet HTML 14Page - Texas Instruments PCM1606E Datasheet HTML 15Page - Texas Instruments PCM1606E Datasheet HTML 16Page - Texas Instruments PCM1606E Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
13
www.ti.com
functional description (continued)
VCOM output
One unbuffered common-mode voltage output pin, VCOM (pin 14) is brought out for decoupling purposes. This
pin is nominally biased to a dc voltage level equal to VCC/2. If this pin is to be used to bias external circuitry, a
voltage follower is required for buffering purposes. Figure 8 shows an example of using the VCOM pin for external
biasing applications.
14
PCM1606
V
BIAS [
V
CC
2
4
VCOM
3
1
OPA337
−
+
10
µF
+
Figure 8. Biasing External Circuits Using the VCOM Pin
zero flag
zero detect condition
Zero detection for each output channel is independent from the others. If the data for a given channel remains
at a 0 level for 1024 sample periods (or LRCK clock periods), a zero detect condition exists for that channel.
zero output flag
When the data for all channels remains at a 0 level for 1024 sample periods (or LRCK clock periods), the ZEROA
(pin 6) is set to a logic 1 state. The zero flag pin can be used to operate external mute circuits, or used as a status
indicator for a microcontroller, audio signal processor, or other digitally controlled functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com