Electronic Components Datasheet Search
  English  ▼

X  

TLC27L2CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L2CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC27L2CPWR Datasheet HTML 18Page - Texas Instruments TLC27L2CPWR Datasheet HTML 19Page - Texas Instruments TLC27L2CPWR Datasheet HTML 20Page - Texas Instruments TLC27L2CPWR Datasheet HTML 21Page - Texas Instruments TLC27L2CPWR Datasheet HTML 22Page - Texas Instruments TLC27L2CPWR Datasheet HTML 23Page - Texas Instruments TLC27L2CPWR Datasheet HTML 24Page - Texas Instruments TLC27L2CPWR Datasheet HTML 25Page - Texas Instruments TLC27L2CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 26
See Figure 1
TA = 25°C
0
VDD − Supply Voltage − V
0.07
16
0.00
2
4
6
8
10
12
14
0.01
0.02
0.03
0.04
0.05
0.06
SLEW RATE
vs
SUPPLY VOLTAGE
CL = 20 pF
RL =1 MΩ
VI(PP) = 1 V
AV = 1
Figure 27
VI(PP) = 5.5 V
VDD = 10 V
−75
TA − Free-Air Temperature −
°C
0.07
125
0.00
−50
−25
0
25
50
75
100
0.01
0.02
0.03
0.04
0.05
0.06
SLEW RATE
vs
FREE-AIR TEMPERATURE
RL =1 MΩ
CL = 20 pF
AV = 1
See Figure 1
VI(PP) = 1 V
VDD = 10 V
VI(PP) = 1 V
VDD = 5 V
VI(PP) = 2.5 V
VDD = 5 V
Figure 28
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
100
75
50
25
0
−25
− 50
125
TA − Free-Air Temperature − °C
−75
NORMALIZED SLEW RATE
vs
FREE-AIR TEMPERATURE
CL = 20 pF
RL =1 MΩ
VIPP = 1 V
AV = 1
VDD = 10 V
VDD = 5 V
Figure 29
10
1
9
8
7
6
5
4
3
2
1
0
100
10
f − Frequency − kHz
0.1
MAXIMUM-PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 1 MΩ
See Figure 1
VDD = 5 V
TA = − 55°C
TA = 25°C
TA = 125°C
VDD = 10 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com