Electronic Components Datasheet Search
  English  ▼

X  

TLC27L2CPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L2CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2CPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC27L2CPWR Datasheet HTML 19Page - Texas Instruments TLC27L2CPWR Datasheet HTML 20Page - Texas Instruments TLC27L2CPWR Datasheet HTML 21Page - Texas Instruments TLC27L2CPWR Datasheet HTML 22Page - Texas Instruments TLC27L2CPWR Datasheet HTML 23Page - Texas Instruments TLC27L2CPWR Datasheet HTML 24Page - Texas Instruments TLC27L2CPWR Datasheet HTML 25Page - Texas Instruments TLC27L2CPWR Datasheet HTML 26Page - Texas Instruments TLC27L2CPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 30
VDD = 5 V
VI = 10 mV
CL = 20 pF
See Figure 3
−75
TA − Free-Air Temperature − °C
150
125
30
−50
−25
0
25
50
75
100
50
70
90
110
130
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
Figure 31
0
VDD − Supply Voltage − V
140
16
50
2
4
6
8
10
12
14
60
70
80
90
100
110
120
130
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
1
f − Frequency − Hz
1 M
10
100
1 k
10 k
100 k
AVD
Phase Shift
180
°
0
°
30
°
60
°
90
°
120
°
150
°
10 7
10 6
0.1
1
10 5
10 4
10 3
10 2
10 1
VDD = 10 V
RL = 1 MΩ
TA = 25°C
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 32
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com