Electronic Components Datasheet Search
  English  ▼

X  

74HC594 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74HC594
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC594 Datasheet(HTML) 2 Page - Diodes Incorporated

  74HC594 Datasheet HTML 1Page - Diodes Incorporated 74HC594 Datasheet HTML 2Page - Diodes Incorporated 74HC594 Datasheet HTML 3Page - Diodes Incorporated 74HC594 Datasheet HTML 4Page - Diodes Incorporated 74HC594 Datasheet HTML 5Page - Diodes Incorporated 74HC594 Datasheet HTML 6Page - Diodes Incorporated 74HC594 Datasheet HTML 7Page - Diodes Incorporated 74HC594 Datasheet HTML 8Page - Diodes Incorporated 74HC594 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74AHC594
Document number: DS35484 Rev. 3 - 2
2 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74HC594
Pin Descriptions
Pin Number
Pin Name
Description
1
Q1
Parallel Data Output 1
2
Q2
Parallel Data Output 2
3
Q3
Parallel Data Output 3
4
Q4
Parallel Data Output 4
5
Q5
Parallel Data Output 5
6
Q6
Parallel Data Output 6
7
Q7
Parallel Data Output 7
8
GND
Ground
9
Q7S
Serial Data Output
10
SHR
Shift Register Reset active low
11
SHCP
Shift Register Clock Input
12
STCP
Storage Register Clock Input
13
STR
Storage Register Reset active low
14
DS
Serial Data input
15
Q0
Parallel Data Output 0
16
VCC
Supply Voltage
Functional Diagram
Logic Diagram
R
DQ
CP
FF0
DQ
CP
LATCH
STAGE 0
DQ
STAGES 1 TO 6
R
DQ
CP
FF7
DQ
CP
LATCH
STAGE 7
DS
SHCP
SHR
STCP
STR
Q0
Q1 Q2 Q3
Q5
Q4
Q6
Q7
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com