Electronic Components Datasheet Search
  English  ▼

X  

74HC594 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74HC594
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC594 Datasheet(HTML) 3 Page - Diodes Incorporated

  74HC594 Datasheet HTML 1Page - Diodes Incorporated 74HC594 Datasheet HTML 2Page - Diodes Incorporated 74HC594 Datasheet HTML 3Page - Diodes Incorporated 74HC594 Datasheet HTML 4Page - Diodes Incorporated 74HC594 Datasheet HTML 5Page - Diodes Incorporated 74HC594 Datasheet HTML 6Page - Diodes Incorporated 74HC594 Datasheet HTML 7Page - Diodes Incorporated 74HC594 Datasheet HTML 8Page - Diodes Incorporated 74HC594 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74AHC594
Document number: DS35484 Rev. 3 - 2
3 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74HC594
Functional Description and Timing Diagram
Control
Input
Output
Function
SHR
STR
SHCP
STCP
DS
Q7S
Qn
L
X
X
X
X
L
NC
Clear Shift Register
X
L
X
X
X
NC
L
Clear Storage Register
H
X
L
H or L
Q6S
NC
Loads DS into shift register stage 0. All QS shifted
H
H
X
X
NC
Qs
Contents of shift register moved to starge register all QS -> QN
H
H
H or L
Q6S
QnS
Shift Register one pulse count ahead of storage register.
H=HIGH voltage state
L=LOW voltage state
=LOW to HIGH transition
X= don’t care – high or low (not floating)
NC= No change
SHCP
DS
STCP
SHR
STR
Q0
Q1
Q6
Q7
Q7S
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
Vo
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IIK
Input Clamp Current
VI > Vcc +0.5V
20
mA
IOK
Output Clamp Current VO <-0.5V
-20
mA
IOK
Output Clamp Current VO > VCC + 0.5V
20
mA
IO
Continuous output current
Q7 standard output
±25
mA
Qn bus driver outputs
±35
mA
ICC
Continuous current through Vcc
70
mA
IGND
Continuous current through GND
-70
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com