Electronic Components Datasheet Search
  English  ▼

X  

AH1889 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1889
Description  HIGH SENSIVITY DUAL UNIPOLAR HALL-EFFECT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1889 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1889 Datasheet HTML 1Page - Diodes Incorporated AH1889 Datasheet HTML 2Page - Diodes Incorporated AH1889 Datasheet HTML 3Page - Diodes Incorporated AH1889 Datasheet HTML 4Page - Diodes Incorporated AH1889 Datasheet HTML 5Page - Diodes Incorporated AH1889 Datasheet HTML 6Page - Diodes Incorporated AH1889 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AH1889
Document number: DS36256 Rev. 1 - 2
2 of 7
www.diodes.com
April 2013
© Diodes Incorporated
AH1889
Pin Descriptions
Package: SOT553
Pin
Number
Pin
Name
Function
1
OUTPUT2
North Pole Setecting Output Pin (active low)
2
GND
Ground
3
NC
No Connection (Note 5)
4
VDD
Power Supply Voltage
5
OUTPUT1
South Pole Detecting Output Pin (active low)
Note:
5. NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
Functional Block Diagram
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Values
Unit
VDD
Supply Voltage (Note 7)
5
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output current (source and sink)
1
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SOT553
230
mW
Ts
Storage Temperature Range
-65 to +150
C
TJ
Maximum Junction Temperature
150
C
ESD
Human Body Model ESD capability
4
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the
device at the absolute maximum rated conditions for any period of time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com