Electronic Components Datasheet Search
  English  ▼

X  

AH1889 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1889
Description  HIGH SENSIVITY DUAL UNIPOLAR HALL-EFFECT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1889 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1889 Datasheet HTML 1Page - Diodes Incorporated AH1889 Datasheet HTML 2Page - Diodes Incorporated AH1889 Datasheet HTML 3Page - Diodes Incorporated AH1889 Datasheet HTML 4Page - Diodes Incorporated AH1889 Datasheet HTML 5Page - Diodes Incorporated AH1889 Datasheet HTML 6Page - Diodes Incorporated AH1889 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH1889
Document number: DS36256 Rev. 1 - 2
3 of 7
www.diodes.com
April 2013
© Diodes Incorporated
AH1889
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.65 to 3.6
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (Note 8) (@TA = +25°C, VDD = 1.8V, unless otherwise specified.)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
OUTPUT1 and OUTPUT2 High Voltage (off)
IOUT = -0.5mA
VDD -0.2
—
—
V
VOL
OUTPUT1 and OUTPUT2 Low Voltage (on)
IOUT = 0.5mA
—
0.1
0.2
V
IDD
Supply Current
VDD = 1.8V Outputs Off
—
2.1
—
mA
VDD = 3.6V Outputs Off
—
5
—
mA
Note:
8. When power is initially turned on, the operating VDD (1.65V to 3.6V) must be applied to guaranteed the output.
Magnetic Characteristics (Note 9, 10, 11) (@TA = +25°C, VDD = 1.8V, unless otherwise specified.)
(1mT=10 Gauss)
Output
Symbol
Characteristic
Min
Typ
Max
Unit
OUTPUT1
Bops (South pole to part marking side)
Operation Point
—
35
50
Gauss
Brps (South pole to part marking side)
Release point
6
20
—
OUTPUT2
Bopn (North pole to part marking side)
Operation Point
-50
-35
—
Brpn (North pole to part marking side)
Release point
—
-20
-6
Bhy (|Bopx|-|Brpx|)
Hysteresis
—
8
—
Notes:
9. Typical data is at TA = +25°C, VDD = 3V, and for design information only.
10. Bops and Brps for OUTPUT1 pin responds to South pole only; Bopn and Brpn for OUTPUT2 pin responds to North pole only.
11. Magnetic characteristics may vary with operating temperature and after soldering.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com