Electronic Components Datasheet Search
  English  ▼

X  

ADM695SQ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM695SQ
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM695SQ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM695SQ Datasheet HTML 6Page - Analog Devices ADM695SQ Datasheet HTML 7Page - Analog Devices ADM695SQ Datasheet HTML 8Page - Analog Devices ADM695SQ Datasheet HTML 9Page - Analog Devices ADM695SQ Datasheet HTML 10Page - Analog Devices ADM695SQ Datasheet HTML 11Page - Analog Devices ADM695SQ Datasheet HTML 12Page - Analog Devices ADM695SQ Datasheet HTML 13Page - Analog Devices ADM695SQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM690–ADM695
REV. A
–10–
+APPLICATION INFORMATION
Increasing the Drive Current
If the continuous output current requirements at VOUT exceed
100 mA or if a lower VCC–VOUT voltage differential is desired,
an external PNP pass transistor may be connected in parallel
with the internal transistor. The BATT ON output (ADM691/
ADM693/ADM695) can directly drive the base of the external
transistor.
V
OUT
V
CC
BATTERY
+5V
INPUT
POWER
0.1
µF
0.1
µF
BATT
ON
V
BATT
PNP TRANSISTOR
ADM691
ADM693
ADM695
Figure 17. Increasing the Drive Current
Using a Rechargeable Battery for Back Up
If a capacitor or a rechargeable battery is used for back up then
the charging resistor should be connected to VOUT since this
eliminates the discharge path that would exist during power
down if the resistor is connected to VCC.
V
OUT
V
CC
RECHARGEABLE
BATTERY
+5V
INPUT
POWER
0.1
µF
0.1
µF
V
BATT
ADM69x
R
I =
VOUT – VBATT
R
Figure 18. Rechargeable Battery
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the
power fail comparator. Since the comparator circuit is nonin-
verting, hysteresis can be added simply by connecting a resistor be-
tween the PFO output and the PFI input as shown in Figure 19.
When PFO is low, resistor R3 sinks current from the summing
junction at the PFI pin. When PFO is high, the series combina-
tion of R3 and R4 source current into the PFI summing junc-
tion. This results in differing trip levels for the comparator.
ADM69x
R
2
1.3V
PFO
R
1
7805
R
4
R
3
+7V TO +15V
INPUT
POWER
+5V
PFI
V
CC
TO
µP NMI
5V
0V
0V
V
L
V
H
V
IN
PFO
V
H
= 1.3V
(1+ ––– + ––– )
V
L
= 1.3V
(1+ ––– – –––––––––––––)
ASSUMING R
4
< <
R
3
THEN
HYSTERESIS V
H
– V
L
= 5V
(––– )
R
1
R
2
R
1
R
3
R
1
R
2
R
1
R
2
R
1
(5V – 1.3V)
1.3V (R
3 +
R
4
)
Figure 19. Adding Hysteresis to the Power Fail Comparator
Monitoring the Status of the Battery
The power fail comparator can be used to monitor the status of
the backup battery instead of the power supply if desired. This
is shown in Figure 20. The PFI input samples the battery volt-
age and generates an active low PFO signal when the battery
voltage drops below a chosen threshold. It may be necessary to
apply a test load in order to determine the loaded battery volt-
age. This can be done under processor control using CEOUT.
Since CEOUT is forced high during the battery backup mode, the
test load will not be applied to the battery while it is in use, even
if the microprocessor is not powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com