Electronic Components Datasheet Search
  English  ▼

X  

ADM695SQ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM695SQ
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM695SQ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM695SQ Datasheet HTML 7Page - Analog Devices ADM695SQ Datasheet HTML 8Page - Analog Devices ADM695SQ Datasheet HTML 9Page - Analog Devices ADM695SQ Datasheet HTML 10Page - Analog Devices ADM695SQ Datasheet HTML 11Page - Analog Devices ADM695SQ Datasheet HTML 12Page - Analog Devices ADM695SQ Datasheet HTML 13Page - Analog Devices ADM695SQ Datasheet HTML 14Page - Analog Devices ADM695SQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM690–ADM695
REV. A
–11–
ADM69x
CE
IN
PFO
PFI
V
CC
FROM
µP I/O PIN
APPLIES TEST LOAD
TO BATTERY
LOW BATTERY
SIGNAL TO
µP I/O PIN
+5V INPUT
POWER
V
BATT
CE
OUT
BATTERY
20k
Ω
OPTIONAL
TEST LOAD
10M
Ω
10M
Ω
Figure 20. Monitoring the Battery Status
Alternate Watchdog Input Drive Circuits
The watchdog feature can be enabled and disabled under pro-
gram control by driving WDI with a 3-state buffer (Figure 21a).
When three-stated, the WDI input will float thereby disabling
the watchdog timer.
WDI
ADM69x
WATCHDOG
STROBE
CONTROL
INPUT
Figure 21a. Programming the Watchdog Input
This circuit is not entirely foolproof, and it is possible that a
software fault could erroneously 3-state the buffer. This would
then prevent the ADM69x from detecting that the microproces-
sor is no longer operating correctly. In most cases a better
method is to extend the watchdog period rather than disabling
the watchdog. This may be done under program control using
the circuit shown in Figure 21b. When the control input is high,
the OSC SEL pin is low and the watchdog timeout is set by the
external capacitor. A 0.01
µF capacitor sets a watchdog timeout
delay of 100 seconds. When the control input is low, the OSC
SEL pin is driven high, selecting the internal oscillator. The
100 ms or the 1.6 s period is chosen, depending on which diode
in Figure 21b is used. With D1 inserted the internal timeout is
set at 100 ms, while with D2 inserted the timeout is set at 1.6 s.
OSC IN
OSC SEL
ADM69x
CONTROL
INPUT*
D1
D2
*LOW = INTERNAL TIMEOUT
HIGH = EXTERNAL TIMEOUT
Figure 21b. Programming the Watchdog Input
Replacing the Backup Battery
When changing the backup battery with system power on, spuri-
ous resets can occur when the battery is removed. This occurs
because the leakage current flowing out of the VBATT pin will
charge up the stray capacitance. If the voltage on VBATT reaches
within 50 mV of VCC, a reset pulse is generated.
If spurious resets during battery replacement are acceptable,
then no action is required. If not, then one of the following
solutions should be considered:
1. A capacitor from VBATT to GND. This gives time while the
capacitor is charging up to replace the battery. The leakage
current will charge up the external capacitor towards the VCC
level. The time taken is related to the charging current, the
size of external capacitor and the voltage differential between
the capacitor and the charging voltage supply.
t = CEXT × VDIFF/I
The maximum leakage (charging) current is 1
µA over tem-
perature and VDIFF = VCC–VBATT. Therefore, the capacitor
size should be chosen such that sufficient time is available to
make the battery replacement.
CEXT = TREQD (1 µA/(VCC–VBATT))
If a replacement time of 5 seconds is allowed and assuming a
VCC of 4.5 V and a VBATT of 3 V
CEXT = 3.33
µF
ADM69x
V
BATT
BATTERY
C
EXT
Figure 22a. Preventing Spurious RESETS During
Battery Replacement
2. A resistor from VBATT to GND. This will prevent the voltage
on VBATT from rising to within 50 mV of VCC during battery
replacement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com