Electronic Components Datasheet Search
  English  ▼

X  

CY62156ESL Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62156ESL
Description  8-Mbit (512 K x 16) Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62156ESL Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62156ESL Datasheet HTML 1Page - Cypress Semiconductor CY62156ESL Datasheet HTML 2Page - Cypress Semiconductor CY62156ESL Datasheet HTML 3Page - Cypress Semiconductor CY62156ESL Datasheet HTML 4Page - Cypress Semiconductor CY62156ESL Datasheet HTML 5Page - Cypress Semiconductor CY62156ESL Datasheet HTML 6Page - Cypress Semiconductor CY62156ESL Datasheet HTML 7Page - Cypress Semiconductor CY62156ESL Datasheet HTML 8Page - Cypress Semiconductor CY62156ESL Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY62156ESL MoBL®
Document Number: 001-54995 Rev. *D
Page 4 of 16
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –65 °C to + 150°C
Ambient Temperature with
Power Applied ........................................ –55 °C to + 125 °C
Supply Voltage to Ground Potential ...............–0.5 V to 6.0 V
DC Voltage Applied to Outputs
in High Z State [4, 5] ........................................–0.5 V to 6.0 V
DC Input Voltage [4, 5] ....................................–0.5 V to 6.0 V
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage
(MIL-STD-883, Method 3015) ................................. > 2,001V
Latch Up Current ................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[6]
CY62156ESL
Industrial
–40 °C to +85 °C 2.2 V to 3.6 V,
and
4.5 V to 5.5 V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
45 ns
Unit
Min
Typ [1]
Max
VOH
Output HIGH Voltage
2.2 < VCC < 2.7
IOH = –0.1 mA
2.0
–
–
V
2.7 < VCC < 3.6
IOH = –1.0 mA
2.4
–
–
4.5 < VCC < 5.5
IOH = –1.0 mA
2.4
–
–
VOL
Output LOW Voltage
2.2 < VCC < 2.7
IOL = 0.1 mA
–
–
0.4
V
2.7 < VCC < 3.6
IOL = 2.1mA
–
–
0.4
4.5 < VCC < 5.5
IOL = 2.1mA
–
–
0.4
VIH
Input HIGH Voltage
2.2 < VCC < 2.7
1.8
–
VCC + 0.3
V
2.7 < VCC < 3.6
2.2
–
VCC + 0.3
4.5 < VCC < 5.5
2.2
–
VCC + 0.5
VIL
Input LOW Voltage
2.2 < VCC < 2.7
–0.3
–
0.6
V
2.7 < VCC < 3.6
–0.3
–
0.8
4.5 < VCC < 5.5
–0.5
–
0.8
IIX
Input Leakage Current
GND < VI < VCC
–1
–
+1
A
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
–
+1
A
ICC
VCC Operating Supply Current
f = fmax = 1/tRC
VCC = VCCmax,
IOUT = 0 mA,
CMOS levels
–18
25
mA
f = 1 MHz
–
1.8
3
ISB1
Automatic CE Power down
Current – CMOS Inputs
CE1 > VCC 0.2 V, CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = fmax (Address and Data Only),
f = 0 (OE, BHE, BLE and WE),
VCC = VCC(max)
–28
A
ISB2 [7]
Automatic CE Power down
Current – CMOS Inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = VCC(max)
–28
A
Notes
4. VIL(min) = –2.0 V for pulse durations less than 20 ns.
5. VIH(max) = VCC + 0.75 V for pulse durations less than 20 ns.
6. Full Device AC operation assumes a 100
s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization.
7. Only chip enables (CE1 and CE2) need to be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com