Electronic Components Datasheet Search
  English  ▼

X  

CY62156ESL Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62156ESL
Description  8-Mbit (512 K x 16) Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62156ESL Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62156ESL Datasheet HTML 1Page - Cypress Semiconductor CY62156ESL Datasheet HTML 2Page - Cypress Semiconductor CY62156ESL Datasheet HTML 3Page - Cypress Semiconductor CY62156ESL Datasheet HTML 4Page - Cypress Semiconductor CY62156ESL Datasheet HTML 5Page - Cypress Semiconductor CY62156ESL Datasheet HTML 6Page - Cypress Semiconductor CY62156ESL Datasheet HTML 7Page - Cypress Semiconductor CY62156ESL Datasheet HTML 8Page - Cypress Semiconductor CY62156ESL Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY62156ESL MoBL®
Document Number: 001-54995 Rev. *D
Page 3 of 16
Pin Configurations
Figure 1. 48-ball VFBGA pinout (Top View) [1]
Product Portfolio
Product
Range
VCC Range (V) [2]
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2
(
A)
f = 1MHz
f = fmax
Typ [3]
Max
Typ [3]
Max
Typ [3]
Max
CY62156ESL
Industrial 2.2 V to 3.6 V and 4.5 V to 5.5 V
45
1.8
3
18
25
2
8
WE
VCC
A11
A10
NC
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
CE2
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
A18
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
A17
Notes
1. NC pins are not connected on the die.
2. Datasheet specifications are not guaranteed for VCC in the range of 3.6 V to 4.5 V.
3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com