Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5100AM
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5100AM Datasheet HTML 3Page - Texas Instruments LM5100AM Datasheet HTML 4Page - Texas Instruments LM5100AM Datasheet HTML 5Page - Texas Instruments LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments LM5100AM Datasheet HTML 10Page - Texas Instruments LM5100AM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
VDD = 12V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12V
CL = 4400 pF
CL = 1000 pF
CL = 0 pF
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12V
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12V
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
Typical Performance Characteristics
Peak Sourcing Current
Peak Sinking Current
vs
vs
VDD
VDD
Figure 1.
Figure 2.
Sink Current
Source Current
vs
vs
Output Voltage
Output Voltage
Figure 3.
Figure 4.
LM5100A/B/C IDD
LM5101A/B/C IDD
vs
vs
Frequency
Frequency
Figure 5.
Figure 6.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com