Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5100AM
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5100AM Datasheet HTML 4Page - Texas Instruments LM5100AM Datasheet HTML 5Page - Texas Instruments LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments LM5100AM Datasheet HTML 10Page - Texas Instruments LM5100AM Datasheet HTML 11Page - Texas Instruments LM5100AM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
-25 0
_
25 50
_ 75_100_125_150_
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
8
9
10
11
12
13
14
15
16
VDD, VHB (V)
0
50
100
150
200
250
300
350
400
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
IDDO (LM5101A/B/C)
IDDO (LM5100A/B/C)
IHBO
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Operating Current
IHB
vs
vs
Temperature
Frequency
Figure 7.
Figure 8.
Quiescent Current
Quiescent Current
vs
vs
Supply Voltage
Temperature
Figure 9.
Figure 10.
Undervoltage Rising Thresholds
Undervoltage Threshold Hysteresis
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com