Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASDX Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5100ASDX
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASDX Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5100ASDX Datasheet HTML 17Page - Texas Instruments LM5100ASDX Datasheet HTML 18Page - Texas Instruments LM5100ASDX Datasheet HTML 19Page - Texas Instruments LM5100ASDX Datasheet HTML 20Page - Texas Instruments LM5100ASDX Datasheet HTML 21Page - Texas Instruments LM5100ASDX Datasheet HTML 22Page - Texas Instruments LM5100ASDX Datasheet HTML 23Page - Texas Instruments LM5100ASDX Datasheet HTML 24Page - Texas Instruments LM5100ASDX Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM5100AMRX/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LM5100AMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM5100ASD
WSON
DPR
10
1000
210.0
185.0
35.0
LM5100ASD/NOPB
WSON
DPR
10
1000
210.0
185.0
35.0
LM5100ASDX
WSON
DPR
10
4500
367.0
367.0
35.0
LM5100ASDX/NOPB
WSON
DPR
10
4500
367.0
367.0
35.0
LM5100BMAX
SOIC
D
8
2500
367.0
367.0
35.0
LM5100BMAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM5100BSD
WSON
DPR
10
1000
210.0
185.0
35.0
LM5100BSD/NOPB
WSON
DPR
10
1000
210.0
185.0
35.0
LM5100BSDX
WSON
DPR
10
4500
367.0
367.0
35.0
LM5100BSDX/NOPB
WSON
DPR
10
4500
367.0
367.0
35.0
LM5100CMAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM5100CMY/NOPB
MSOP-PowerPAD
DGN
8
1000
210.0
185.0
35.0
LM5100CMYE/NOPB
MSOP-PowerPAD
DGN
8
250
210.0
185.0
35.0
LM5100CMYX/NOPB
MSOP-PowerPAD
DGN
8
3500
367.0
367.0
35.0
LM5100CSD/NOPB
WSON
DPR
10
1000
210.0
185.0
35.0
LM5100CSDX/NOPB
WSON
DPR
10
4500
367.0
367.0
35.0
LM5101AMRX/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LM5101AMX
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com