Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASDX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5100ASDX
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASDX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5100ASDX Datasheet HTML 5Page - Texas Instruments LM5100ASDX Datasheet HTML 6Page - Texas Instruments LM5100ASDX Datasheet HTML 7Page - Texas Instruments LM5100ASDX Datasheet HTML 8Page - Texas Instruments LM5100ASDX Datasheet HTML 9Page - Texas Instruments LM5100ASDX Datasheet HTML 10Page - Texas Instruments LM5100ASDX Datasheet HTML 11Page - Texas Instruments LM5100ASDX Datasheet HTML 12Page - Texas Instruments LM5100ASDX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
15
20
25
30
35
T_PHL
T_PLH
8
9
10
11
12
13
14
15
16
VDD (V)
1.80
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
1.91
1.92
Rising
Falling
-50 -25
0
25
50
75
100 125 150
TEMPERATURE (°C)
1.80
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
1.91
1.92
Rising
Falling
8
9
10
11
12
13
14
15
16
VDD (V)
40
41
42
43
44
45
46
47
48
49
50
Rising
Falling
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VD (V)
T = 25°C
T = -40°C
T = 150°C
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
40
41
42
43
44
45
46
47
48
49
50
Rising
Falling
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
LM5100A/B/C Input Threshold
vs
Bootstrap Diode Forward Voltage
Temperature
Figure 13.
Figure 14.
LM5101A/B/C Input Threshold
LM5100A/B/C Input Threshold
vs
vs
Temperature
VDD
Figure 15.
Figure 16.
LM5101A/B/C Input Threshold
LM5100A/B/C Propagation Delay
vs
vs
VDD
Temperature
Figure 17.
Figure 18.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com