Electronic Components Datasheet Search
  English  ▼

X  

LM35DH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM35DH
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35DH Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM35DH Datasheet HTML 5Page - Texas Instruments LM35DH Datasheet HTML 6Page - Texas Instruments LM35DH Datasheet HTML 7Page - Texas Instruments LM35DH Datasheet HTML 8Page - Texas Instruments LM35DH Datasheet HTML 9Page - Texas Instruments LM35DH Datasheet HTML 10Page - Texas Instruments LM35DH Datasheet HTML 11Page - Texas Instruments LM35DH Datasheet HTML 12Page - Texas Instruments LM35DH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM35
+
OUT
HEAVY CAPACITIVE LOAD, WIRING, ETC.
TO A HIGH-IMPEDANCE LOAD
v
75
1 PF
0.01 PF BYPASS
OPTONAL
LM35
+
OUT
2 k
HEAVY CAPACITIVE LOAD, WIRING, ETC.
TO A HIGH-IMPEDANCE LOAD
v
LM35
www.ti.com
SNIS159C – AUGUST 1999 – REVISED JULY 2013
TYPICAL APPLICATIONS
Figure 14. LM35 with Decoupling from Capacitive Load
Figure 15. LM35 with R-C Damper
CAPACITIVE LOADS
Like most micropower circuits, the LM35 has a limited ability to drive heavy capacitive loads. The LM35 alone is
able to drive 50 pf without special precautions. If heavier loads are anticipated, isolating or decoupling the load
with a resistor is easy (see Figure 14). Or you can improve the tolerance of capacitance with a series R-C
damper from output to ground (see Figure 15).
When the LM35 is applied with a 200-W load resistor as shown in Figure 16, Figure 17, or Figure 19, the device
is relatively immune to wiring capacitance because the capacitance forms a bypass from ground to input and not
on the output. However, as with any linear circuit connected to wires in a hostile environment, performance is
affected adversely by intense electromagnetic sources such as relays, radio transmitters, motors with arcing
brushes, and SCR transients, as the wiring acts as a receiving antenna and the internal junctions act as
rectifiers. For best results in such cases, a bypass capacitor from VIN to ground and a series R-C damper, such
as 75 W, in series with 0.2 or 1
μF from output to ground are often useful. These are shown in Figure 24,
Figure 24, and Figure 27.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com