Electronic Components Datasheet Search
  English  ▼

X  

LM35DH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM35DH
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35DH Datasheet(HTML) 1 Page - Texas Instruments

  LM35DH Datasheet HTML 1Page - Texas Instruments LM35DH Datasheet HTML 2Page - Texas Instruments LM35DH Datasheet HTML 3Page - Texas Instruments LM35DH Datasheet HTML 4Page - Texas Instruments LM35DH Datasheet HTML 5Page - Texas Instruments LM35DH Datasheet HTML 6Page - Texas Instruments LM35DH Datasheet HTML 7Page - Texas Instruments LM35DH Datasheet HTML 8Page - Texas Instruments LM35DH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM35
+V
S
R1
V
OUT
tVS
LM35
+VS
(4 V to 20 V)
OUTPUT
0 mV + 10.0 mV/°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM35
www.ti.com
SNIS159C – AUGUST 1999 – REVISED JULY 2013
LM35 Precision Centigrade Temperature Sensors
1
FEATURES
DESCRIPTION
The LM35 series are precision integrated-circuit
2
•
Calibrated Directly in ° Celsius (Centigrade)
temperature sensors, with an output voltage linearly
•
Linear + 10 mV/°C Scale Factor
proportional to the Centigrade temperature. Thus the
•
0.5°C Ensured Accuracy (at +25°C)
LM35 has an advantage over linear temperature
sensors calibrated in ° Kelvin, as the user is not
•
Rated for Full
−55°C to +150°C Range
required to subtract a large constant voltage from the
•
Suitable for Remote Applications
output to obtain convenient Centigrade scaling. The
•
Low Cost Due to Wafer-Level Trimming
LM35 does not require any external calibration or
trimming to provide typical accuracies of ±¼°C at
•
Operates from 4 to 30 V
room temperature and ±¾°C over a full
−55°C to
•
Less than 60-
μA Current Drain
+150°C temperature range. Low cost is assured by
•
Low Self-Heating, 0.08°C in Still Air
trimming and calibration at the wafer level. The low
output impedance, linear output, and precise inherent
•
Nonlinearity Only ±¼°C Typical
calibration of the LM35 make interfacing to readout or
•
Low Impedance Output, 0.1 W for 1 mA Load
control circuitry especially easy. The device is used
with single power supplies, or with plus and minus
supplies. As the LM35 draws only 60
μA from the
supply, it has very low self-heating of less than 0.1°C
in still air. The LM35 is rated to operate over a
−55°C
to +150°C temperature range, while the LM35C is
rated for a
−40°C to +110°C range (−10° with
improved accuracy). The LM35 series is available
packaged in hermetic TO transistor packages, while
the LM35C, LM35CA, and LM35D are also available
in the plastic TO-92 transistor package. The LM35D
is also available in an 8-lead surface-mount small-
outline package and a plastic TO-220 package.
Figure 1. Basic Centigrade Temperature Sensor
(+2°C to +150°C)
Choose R1 = –VS / 50 µA
VOUT = 1500 mV at 150°C
VOUT = 250 mV at 25°C
VOUT = –550 mV at –55°C
Figure 2. Full-Range Centigrade Temperature
Sensor
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM35DH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35DH NSC-LM35DH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35DH NSC-LM35DH Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35DH TI1-LM35DH Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35DH TI1-LM35DH Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35DH TGS-LM35DH Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results

Similar Description - LM35DH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com