Electronic Components Datasheet Search
  English  ▼

X  

STM32F372CC Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 77Page - STMicroelectronics STM32F372CC Datasheet HTML 78Page - STMicroelectronics STM32F372CC Datasheet HTML 79Page - STMicroelectronics STM32F372CC Datasheet HTML 80Page - STMicroelectronics STM32F372CC Datasheet HTML 81Page - STMicroelectronics STM32F372CC Datasheet HTML 82Page - STMicroelectronics STM32F372CC Datasheet HTML 83Page - STMicroelectronics STM32F372CC Datasheet HTML 84Page - STMicroelectronics STM32F372CC Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
81/128
Note:
1
It is recommended to add a Schottky diode (pin to ground) to analog pins which may
potentially inject negative currents.
Table 51.
I/O current injection susceptibility
Symbol
Description
Functional
susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on BOOT0 pin
-0
NA
mA
Injected current on PC0 pin
-0
+5
Injected current on TC type I/O pins on VDDSD12 power
domain: PB0, PB1, PB2, PE7, PE8, PE9, PE10, PE11, PE12,
PE13, PE14, PE15, PB10 with induced leakage current on
other pins from this group less than -50 µA
-5
+5
Injected current on TC type I/O pins on VDDSD3 power
domain: PB14, PB15, PD8, PD9, PD10, PD12, PD13, PD14,
PD15 with induced leakage current on other pins from this
group less than -50 µA
-5
+5
Injected current on TTa type pins: PA4, PA5, PA6 with induced
leakage current on adjacent pins less than -10 µA
-5
+5
Injected current on any other FT and FTf pins
-5
NA
Injected current on any other pins
-5
+5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com