Electronic Components Datasheet Search
  English  ▼

X  

STM32F372CC Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 10Page - STMicroelectronics STM32F372CC Datasheet HTML 11Page - STMicroelectronics STM32F372CC Datasheet HTML 12Page - STMicroelectronics STM32F372CC Datasheet HTML 13Page - STMicroelectronics STM32F372CC Datasheet HTML 14Page - STMicroelectronics STM32F372CC Datasheet HTML 15Page - STMicroelectronics STM32F372CC Datasheet HTML 16Page - STMicroelectronics STM32F372CC Datasheet HTML 17Page - STMicroelectronics STM32F372CC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
Functional overview
STM32F37x
14/128
Doc ID 022691 Rev 3
3.7
Power management
3.7.1
Power supply schemes
●
VDD: external power supply for I/Os and the internal regulator. It is provided externally
through VDD pins, and can be 2.0 to 3.6 V.
●
VDDA = 2.0 to 3.6 V:
–
external analog power supplies for Reset blocks, RCs and PLL
–
supply voltage for 12-bit ADC, DACs and comparators (minimum voltage to be
applied to VDDA is 2.4 V when the 12-bit ADC and DAC are used).
●
VDDSD12 and VDDSD3 = 2.2 to 3.6 V: supply voltages for SDADC1/2 and SDADCD3
sigma delta ADCs. Independent from VDD/VDDA.
●
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and backup
registers when VDD is not present.
3.7.2
Power supply supervisor
●
The device has an integrated power-on reset (POR)/power-down reset (PDR) circuitry.
It is always active, and ensures proper operation starting from/down to 2 V. The device
remains in reset mode when VDD is below a specified threshold, VPOR/PDR, without the
need for an external reset circuit. The POR monitors only the VDD supply voltage.
During the startup phase it is required that VDDA should arrive first and be greater than
or equal to VDD.
●
The PDR monitors both the VDD and VDDA supply voltages, however the VDDA power
supply supervisor can be disabled (by programming a dedicated Option bit) to reduce
the power consumption if the application design ensures that VDDA is higher than or
equal to VDD.
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD power supply and compares it to the VPVD threshold. An interrupt can be generated
when VDD drops below the VPVD threshold and/or when VDD is higher than the VPVD
threshold. The interrupt service routine can then generate a warning message and/or put
the MCU into a safe state. The PVD is enabled by software.
3.7.3
Voltage regulator
The regulator has three operation modes: main (MR), low power (LPR), and power-down.
●
The MR mode is used in the nominal regulation mode (Run)
●
The LPR mode is used in Stop mode.
●
The power-down mode is used in Standby mode: the regulator output is in high
impedance, and the kernel circuitry is powered down thus inducing zero consumption.
The voltage regulator is always enabled after reset. It is disabled in Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com