Electronic Components Datasheet Search
  English  ▼

X  

STM32F372CC Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 100Page - STMicroelectronics STM32F372CC Datasheet HTML 101Page - STMicroelectronics STM32F372CC Datasheet HTML 102Page - STMicroelectronics STM32F372CC Datasheet HTML 103Page - STMicroelectronics STM32F372CC Datasheet HTML 104Page - STMicroelectronics STM32F372CC Datasheet HTML 105Page - STMicroelectronics STM32F372CC Datasheet HTML 106Page - STMicroelectronics STM32F372CC Datasheet HTML 107Page - STMicroelectronics STM32F372CC Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
Electrical characteristics
STM32F37x
104/128
Doc ID 022691 Rev 3
Table 68.
TIMx(1) (2)characteristics
1.
TIMx is used as a general term to refer to the TIM2, TIM3, TIM4, TIM5, TIM6, TIM7, TIM12, TIM13, TIM14,
TIM15, TIM16 , TIM17, TIM18 and TIM19 timers.
2.
Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
1
tTIMxCLK
fTIMxCLK = 72 MHz
13.9
ns
fEXT
Timer external clock
frequency on CH1 to CH4
0
fTIMxCLK/2
MHz
fTIMxCLK = 72 MHz
0
24
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
16
bit
TIM2
32
tCOUNTER 16-bit counter clock period
1
65536
tTIMxCLK
fTIMxCLK = 72 MHz
0.0139
910
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
65536 × 65536
tTIMxCLK
fTIMxCLK = 72 MHz
59.65
s
Table 69.
IWDG min/max timeout period at 40 kHz (LSI) (1)(2)
1.
These timings are given for a 40 kHz clock but the microcontroller’s internal RC frequency can vary from 30
to 60 kHz. Moreover, given an exact RC oscillator frequency, the exact timings still depend on the phasing
of the APB interface clock versus the LSI clock so that there is always a full RC period of uncertainty.
2.
Data based on characterization results, not tested in production.
Prescaler divider
PR[2:0] bits
Min timeout (ms) RL[11:0]=
0x000
Max timeout (ms) RL[11:0]=
0xFFF
/4
0
0.1
409.6
/8
1
0.2
819.2
/16
2
0.4
1638.4
/32
3
0.8
3276.8
/64
4
1.6
6553.6
/128
5
3.2
13107.2
/256
7
6.4
26214.4
Table 70.
WWDG min-max timeout value @72 MHz (PCLK)
Prescaler
WDGTB
Min timeout value
Max timeout value
1
0
0.05687
3.6409
2
1
0.1137
7.2817
4
2
0.2275
14.564
8
3
0.4551
29.127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com