Electronic Components Datasheet Search
  English  ▼

X  

STM32F372CC Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 110Page - STMicroelectronics STM32F372CC Datasheet HTML 111Page - STMicroelectronics STM32F372CC Datasheet HTML 112Page - STMicroelectronics STM32F372CC Datasheet HTML 113Page - STMicroelectronics STM32F372CC Datasheet HTML 114Page - STMicroelectronics STM32F372CC Datasheet HTML 115Page - STMicroelectronics STM32F372CC Datasheet HTML 116Page - STMicroelectronics STM32F372CC Datasheet HTML 117Page - STMicroelectronics STM32F372CC Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
Package characteristics
STM32F37x
114/128
Doc ID 022691 Rev 3
Figure 33.
UFBGA100 – ultra fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch,
package outline
1.
Drawing is not to scale.
A1 ball
pad corner
Top view
Side view
Bottom view
A1 ball
pad corner
E
D
E1
e
FE
D1
FD
0.50
0.10
A1
A
A2
1.75
1.75
0.10
Z
X
Y
A0C2_ME
b
Table 76.
UFBGA100 – ultra fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch, package
mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.46
0.53
0.6
0.0181
0.0209
0.0236
A1
0.06
0.08
0.1
0.0024
0.0031
0.0039
A2
0.4
0.45
0.5
0.0157
0.0177
0.0197
b
0.2
0.25
0.3
0.0079
0.0098
0.0118
D
7
0.2756
D1
5.5
0.2165
E
7
0.2756
E1
5.5
0.2165
e
0.5
0.0197
FD
0.75
0.0295
FE
0.75
0.0295
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com