Electronic Components Datasheet Search
  English  ▼

X  

PMODCLS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PMODCLS
Description  Seriiall LCD Diispllay Modulle Refference Manuall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODCLS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PMODCLS Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 2Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 3Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digilent, Inc.
PmodCLS Reference Manual
www.digilentinc.com
www.digilentinc.com
page 3 of 4
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Instruction
Result
<pt>t
save RAM character
table to EEPROM
<pt>l
load EEPROM
character table to RAM
<pn>…<pn>;<ps>d
define user
programmable character
<ps>m
save communication
mode to EEPROM
w
enable write to
EEPROM
<ps>n
save cursor mode to
EEPROM
<ps>o
save display mode to
EEPROM
Symbol
Definition
<pr>
row number (0 - 1)
<pc>
column number (0 – 39)
<pn>
numeric parameter
(decimal, hex, or binary)
<ps>
decimal selection
parameter
<pt>
character table selector
(0 – 2 in EEPROM, 3 in
RAM)
EEPROM
Before you can store any value to an address
in EEPROM, writing to EEPROM must first be
enabled. The command to enable writing to
the EEPROM must be sent before each
successive write to EEPROM. If the command
to enable writing to the EEPROM is not sent
before an EEPROM-related command, the
command will be ignored.
Custom Characters
The module can display up to eight custom
characters at a time, but is capable of storing
four sets of eight characters. This consists of
three stored character tables in EEPROM and
one table loaded into the LCD’s RAM.
To create a new custom character, send the
command (ESC)[<pn>…<pn>;<ps>d where
<pn> is a numeric parameter that describes a
row in the character and <ps> is a decimal
selection parameter (0 through 7.) A custom
character definition contains eight rows, so the
escape sequence to define one must have
eight <pn> values followed by the <ps> value
that specifies the character being defined.
To create a new character, first draw out the
pattern. Then, determine the numerical value
of each row in the character. Note that the left-
most segment is the most significant bit.
Record each row, from top to bottom, and
record which character in the table to save it
to. Each row of the character contains six
pixels, so only the low six bits of each byte
value are used.
For example, the following character would be
saved by writing:
lcdChar(0x1B);
lcdString("[14;31;21;31;23;16;31;14;0d");
where lcdChar( ) and lcdString( ) are functions
that write characters and arrays of characters.
The above command saves the character to
the ‘0’ address in the LCD’s RAM table. To
display this character, send the numerical
value of the addressed character. In this
example, it is performed by writing
lcdChar(0x00);
The character will appear at the location of the
LCD’s cursor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com