Electronic Components Datasheet Search
  English  ▼

X  

PMODCLS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMODCLS
Description  Seriiall LCD Diispllay Modulle Refference Manuall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODCLS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMODCLS Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 2Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 3Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P
Pm
mo
od
dC
CL
LS
S™
™
S
Se
erriia
all L
LC
CD
D D
Diis
sp
plla
ay
y M
Mo
od
du
ulle
e
R
Re
effe
erre
en
nc
ce
e M
Ma
an
nu
ua
all
®
w w w . d ig i l en t inc . c om
Revision: December 14, 2007
Note: This document applies to REV D-E of the board.
215 E Main Suite D | Pullman, WA 99163
(509) 334 6306 Voice and Fax
Doc: 502-092
page 1 of 4
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Overview
The PmodCLS module can be used to display
important information during program
development or as a user interface after the
project has been completed. The module is
ideally suited for projects that include a Digilent
embedded-AVR board, but can also be used in
projects using a Digilent FPGA board.
The module is capable of executing a variety of
instructions, such as erasing specific
characters, setting different display modes,
scrolling, and displaying user-defined
characters. These instructions are specified
using escape sequences to send commands to
the board’s embedded Atmel ATmega48
microcontroller. The display on the module is
driven by this AVR and controls all of the
features of the board.
Functional Description
Communication with the embedded AVR on
the PmodCLS is established using a UART,
SPI, or TWI (Phillips I²C compatible) serial
connection. Characters are written to the
display simply by sending characters over the
communication link. The characters appear on
the display at the current location of the
board’s cursor.
You set the cursor location, and send other
instructions, by sending escape sequences. An
escape sequence is specified by first sending
the escape character followed by a left square
bracket ‘[‘, zero or more numeric parameters
separated by semicolons ‘;’ followed by the
command character for the specific command..
All of the possible instructions are listed in the
”Instruction Set” section, below.
LCD
DISPLAY
ATmega48
DAISY-
CHAIN
8
3
JI
SPI/
ISP
J2
TWI/
UART
TWI
7.3728MHz
Crystal
DATA
CTL
5V
BOOST
REGULATOR
4K Flash
(Internal)
256 EEPROM
(Internal)
512 SRAM
(Internal)
Internal
Oscillator
UART, SPI,
&TWI ports
4
4
2
PmodCLS Block Diagram
Communication Options
You can set the board’s communication
method by setting the mode jumpers MD0,
MD1, and MD2 on the board. Possible mode
jumper configurations are listed in the table
below. For Rev D boards, a missing jumper is
represented by 0 and a connected jumper is
represented by 1. For Rev E boards, a missing


Similar Part No. - PMODCLS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMOD8LD ETC1-PMOD8LD Datasheet
148Kb / 1P
The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.
PMODACL2 ETC1-PMODACL2 Datasheet
150Kb / 1P
PmodACL2??Diigiitall Accellerometer Reference Manuall
PMODAMP2 ETC1-PMODAMP2 Datasheet
502Kb / 2P
The PmodAMP2 amplifies low power audio signals to drive a monophonic output.
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
COPURIGHT 2007 DIGILENT INC.
PMODDA3 ETC1-PMODDA3 Datasheet
121Kb / 2P
Diigiillentt PmodDA3??Diigiittall To Anallog Modulle Convertter Board Refference Manuall
More results

Similar Description - PMODCLS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMODTMP2 ETC1-PMODTMP2 Datasheet
242Kb / 2P
PmodTMP2??Reference Manuall
VMODBB_RM ETC1-VMODBB_RM Datasheet
107Kb / 3P
Diigiillentt Vmod Breadboard Refference Manuall
VMODCAM_RM ETC1-VMODCAM_RM Datasheet
409Kb / 6P
VmodCAM??Reference Manuall
VMODMIB_RM ETC1-VMODMIB_RM Datasheet
193Kb / 5P
VmodMIIB??Reference Manuall
VMODTFT_RM ETC1-VMODTFT_RM Datasheet
463Kb / 5P
VmodTFT??Reference Manuall
PMODDA3 ETC1-PMODDA3 Datasheet
121Kb / 2P
Diigiillentt PmodDA3??Diigiittall To Anallog Modulle Convertter Board Refference Manuall
PMODENC_RM ETC1-PMODENC_RM Datasheet
127Kb / 2P
PmodENC??Reference Manuall
PMODI2S_RM ETC1-PMODI2S_RM Datasheet
211Kb / 1P
PmodII2s Refference Manuall
PMODPMON1 ETC1-PMODPMON1 Datasheet
679Kb / 2P
PmodPMON1??Refference Manuall
PMODUSBUART_RM ETC1-PMODUSBUART_RM Datasheet
190Kb / 1P
PmodUSBUART??Reference Manuall
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com