Electronic Components Datasheet Search
  English  ▼

X  

IR2304SPbF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2304SPbF
Description  HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2304SPbF Datasheet(HTML) 3 Page - International Rectifier

  IR2304SPbF Datasheet HTML 1Page - International Rectifier IR2304SPbF Datasheet HTML 2Page - International Rectifier IR2304SPbF Datasheet HTML 3Page - International Rectifier IR2304SPbF Datasheet HTML 4Page - International Rectifier IR2304SPbF Datasheet HTML 5Page - International Rectifier IR2304SPbF Datasheet HTML 6Page - International Rectifier IR2304SPbF Datasheet HTML 7Page - International Rectifier IR2304SPbF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IR2304(S)&(PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV+
VCC and VBS supply undervoltage positive going
8
8.9
9.8
VBSUV+
threshold
VCCUV-
VCC and VBS supply undervoltage negative going
7.4
8.2
9
VBSUV-
threshold
VCCUVH
VCC supply undervoltage lockout hysteresis
0.3
0.7
—
VBSUVH
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
150
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
50
120
240
VIN = 0V or 5V
VIH
Logic “1” input voltage
2.3
——
VIL
Logic “0” input voltage
—
—
0.8
VOH
High level output voltage, VBIAS - VO
—
—
2.8
VOL
Low level output voltage, VO
—
—
1.2
IIN+
Logic “1” input bias current
—
5
40
VIN = 5V
IIN-
Logic “0” input bias current
—
1.0
2.0
VIN = 0V
IO+
Output high short circuit pulse current
60
—
—
IO-
Output low short circuit pulsed current
130
—
—
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and VS is applicable to HO and LO.
V
V
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
120
220
320
VS = 0V
toff
Turn-off propagation delay
130
220
330
VS = 0V or 600V
tr
Turn-on rise time
60
200
300
tf
Turn-off fall time
20
100
170
DT
Dead time
80
100
190
MT
Delay matching, HS & LS turn-on/off
—
—
50
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VS = COM, CL = 1000 pF and TA = 25°C unless otherwise specified.
VO = 0V
PW
≤ 10 µs
ns
µA
IO = 20mA
mA
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com