Electronic Components Datasheet Search
  English  ▼

X  

IR2304SPbF Datasheet(PDF) 7 Page - International Rectifier

Part # IR2304SPbF
Description  HALF-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2304SPbF Datasheet(HTML) 7 Page - International Rectifier

  IR2304SPbF Datasheet HTML 1Page - International Rectifier IR2304SPbF Datasheet HTML 2Page - International Rectifier IR2304SPbF Datasheet HTML 3Page - International Rectifier IR2304SPbF Datasheet HTML 4Page - International Rectifier IR2304SPbF Datasheet HTML 5Page - International Rectifier IR2304SPbF Datasheet HTML 6Page - International Rectifier IR2304SPbF Datasheet HTML 7Page - International Rectifier IR2304SPbF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IR2304(S)&(PbF)
www.irf.com
7
01-6027
01-0021 11 (MS-012AA)
8 Lead SOIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
4
3
12
4. OUT LINE CONFORMS T O JEDE C OUTLINE MS -012AA.
NOT ES :
1. DIMENS IONING & TOLE RANCING PE R AS ME Y14.5M-1994.
2. CONTROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE S HOWN IN MILLIME TE RS [INCHE S ].
7
K x 45°
8X L
8X c
y
FOOT PRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
4. OUTLINE CONFORMS T O JEDEC OUT LINE MS -012AA.
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS .
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUS IONS .
MOLD PROTRUS IONS NOT T O EXCE ED 0.25 [.010].
7 DIMENS ION IS T HE LENGT H OF LE AD F OR S OLDE RING T O
A S UBS TRAT E.
MOLD PROTRUS IONS NOT T O EXCE ED 0.15 [.006].
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
0°
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
8°
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
0°
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMET ERS
INCHES
MIN
MAX
DIM
8°
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 BAS IC
01-6014
01-3003 01 (MS-001AB)
8-Lead PDIP
Case outlines



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com