Electronic Components Datasheet Search
  English  ▼

X  

LSM303DLHCTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LSM303DLHCTR Datasheet HTML 4Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 5Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 6Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 7Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 8Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 9Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 10Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 11Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Block diagram and pin description
LSM303DLHC
8/42
Doc ID 018771 Rev 1
1.2
Pin description
Figure 2.
Pin connection
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
SCL
Signal interface I2C serial clock (SCL)
3
SDA
Signal interface I2C serial data (SDA)
4
INT2
Inertial Interrupt 2
5
INT1
Inertial Interrupt 1
6
C1
Reserved capacitor connection (C1)
7
GND
0 V supply
8
Reserved
Leave unconnected
9
DRDY
Data ready
10
Reserved
Connect to GND
11
Reserved
Connect to GND
12
SETP
S/R capacitor connection (C2)
13
SETC
S/R capacitor connection (C2)
14
Vdd
Power supply
DIRECTION OF
DETECTABLE
MAGNETIC FIELDS
DIRECTION OF
DETECTABLE
ACCELERATIONS
1
138
6
1
BOTTOM VIEW
13
8
6
TOP VIEW
X
Z
Y
1
13
8
6
TOP VIEW
X
Z
Y
AM09237V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com