Electronic Components Datasheet Search
  English  ▼

X  

LSM303DLHCTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM303DLHCTR Datasheet HTML 6Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 7Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 8Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 9Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 10Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 11Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 12Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 13Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Module specifications
LSM303DLHC
10/42
Doc ID 018771 Rev 1
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (b).
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
FS bit set to 00
±0.01
%/°C
LA_TyOff
Linear acceleration typical
Zero-
g level offset
accuracy(3),(4)
FS bit set to 00
±60
m
g
LA_TCOff
Linear acceleration Zero-
g
level change vs. temperature
Max. delta from 25 °C
±0.5
m
g/°C
LA_An
Acceleration noise density
FS bit set to 00, normal
mode(
Table 8.), ODR bit
set to 1001
220
ug/
sqrt(Hz)
M_R
Magnetic resolution
2
mgauss
M_CAS
Magnetic cross-axis sensitivity
Cross field =.0.5 gauss
H applied = ±3 gauss
±1
%FS/
gauss
M_EF
Maximum exposed field
No permitting effect on
zero reading
10000
gauss
M_DF
Disturbing field
Sensitivity starts to
degrade. Use S/R pulse to
restore sensitivity
20
gauss
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3. Typical Zero-g level offset value after MSL3 preconditioning.
4. Offset can be eliminated by enabling the built-in high pass filter.
Table 3.
Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
b.
The product is factory calibrated at 2.5 V.
Table 4.
Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
8LSB/°C(2)
TODR
Temperature refresh rate
ODR(3)
Hz
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
12-bit resolution.
3.
For ODR configuration refer to
Table 72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com