Electronic Components Datasheet Search
  English  ▼

X  

SD4933 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD4933_13 Datasheet HTML 3Page - STMicroelectronics SD4933_13 Datasheet HTML 4Page - STMicroelectronics SD4933_13 Datasheet HTML 5Page - STMicroelectronics SD4933_13 Datasheet HTML 6Page - STMicroelectronics SD4933_13 Datasheet HTML 7Page - STMicroelectronics SD4933_13 Datasheet HTML 8Page - STMicroelectronics SD4933_13 Datasheet HTML 9Page - STMicroelectronics SD4933_13 Datasheet HTML 10Page - STMicroelectronics SD4933_13 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID15487 Rev 8
7/17
SD4933
Typical performance
17
Figure 6. Transient thermal impedance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Rectangular power pulse Width (sec)
single
pulse
10%
20%
30%
40%
50%
60%
Single -repetitive pulse
AM09280V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com