Electronic Components Datasheet Search
  English  ▼

X  

SD4933 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD4933_13 Datasheet HTML 6Page - STMicroelectronics SD4933_13 Datasheet HTML 7Page - STMicroelectronics SD4933_13 Datasheet HTML 8Page - STMicroelectronics SD4933_13 Datasheet HTML 9Page - STMicroelectronics SD4933_13 Datasheet HTML 10Page - STMicroelectronics SD4933_13 Datasheet HTML 11Page - STMicroelectronics SD4933_13 Datasheet HTML 12Page - STMicroelectronics SD4933_13 Datasheet HTML 13Page - STMicroelectronics SD4933_13 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical performance (30 MHz)
SD4933
10/17
DocID15487 Rev 8
5.1
Test circuit (30 MHz)
Figure 12. 30 MHz test circuit schematic
Table 7. Transmission line dimensions
Dim.
Inch
mm
A
0.532
13.51
B
0.250
6.35
C
0.181
4.59
D
0.383
9.37
E
0.351
8.91
F
0.633
16.08
G
0.477
12.12
H
0.438
11.12
J
0.200
5.08
K
0.164
4.16
L
0.174
4.42
M
0.817
20.75
N
0.350
8.89
P
0.779
19.79
R
0.639
16.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com