Electronic Components Datasheet Search
  English  ▼

X  

LM108 Datasheet(PDF) 1 Page - Rochester Electronics

Part # LM108
Description  OPERATIONAL AMPLIFIER Industry Part Number LM108
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

LM108 Datasheet(HTML) 1 Page - Rochester Electronics

  LM108 Datasheet HTML 1Page - Rochester Electronics LM108 Datasheet HTML 2Page - Rochester Electronics LM108 Datasheet HTML 3Page - Rochester Electronics LM108 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM108
© 2013 Rochester Electronics, LLC. All Rights Reserved 06062013
Specification Number LM108-CM(R) Rev A
Page 1 of 4
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2.
Please contact factory for specific package and specification availability.
Original Creation Date: 06/29/95
Last Update Date: 12/10/96
Last Major Revision Date: 06/29/95
MNLM108-X REV 0BL
MILITARY DATA SHEET
OPERATIONAL AMPLIFIERS
NS Part Numbers
LM108H/883
LM108J-8/883
LM108J/883
Industry Part Number
LM108
Prime Die
LM108
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1
LM108
OPERATIONAL AMPLIFIER
Rochester Part Number
OCM Part Number
Package
Temperature
LM108H
LM108H
CAN-8, Metal
-55° to +125°C
LM108H/B
LM108H/883
CAN-8, Metal
-55° to +125°C
LM108JG-8/B
LM108JG-8/883
CDIP-8
-55° to +125°C
LM108J
LM108J
CDIP-14
-55° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Similar Part No. - LM108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
158Kb / 8P
Operational Amplifiers
logo
Linear Technology
LM108 LINER-LM108 Datasheet
451Kb / 8P
Operational Amplifiers?
LM108 LINER-LM108 Datasheet
141Kb / 4P
Operational Amplifier
logo
Intersil Corporation
LM108 INTERSIL-LM108 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
More results

Similar Description - LM108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
LM108/LM208/LM308 Operational Amplifiers
logo
Samtec, Inc
ASP-148422-01 SAMTEC-ASP-148422-01 Datasheet
339Kb / 2P
1. SET UP ASP PART NUMBER FOR INDUSTRY STANDARD.
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
PART NUMBER GUIDE
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
Part Number Nomenclature
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
LM108/LM108AQML Operational Amplifiers
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
SEE PART NUMBER DESCRIPTION
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
Part Number 854927
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
LM108-N/LM108AQML Operational Amplifiers
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
Part Number Explanation
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
Specify Part Number followed by Option Number
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com