Electronic Components Datasheet Search
  English  ▼

X  

LM108 Datasheet(PDF) 2 Page - Rochester Electronics

Part # LM108
Description  OPERATIONAL AMPLIFIER Industry Part Number LM108
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

LM108 Datasheet(HTML) 2 Page - Rochester Electronics

  LM108 Datasheet HTML 1Page - Rochester Electronics LM108 Datasheet HTML 2Page - Rochester Electronics LM108 Datasheet HTML 3Page - Rochester Electronics LM108 Datasheet HTML 4Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM108
Specification Number LM108-CM(R) Rev A
Page 2 of 4
MNLM108-X REV 0BL
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = +20V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vcm = -15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
Vcm = 15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
Vcc = +5V
-2.0
2.0
mV
1
Vcc = +5V
-3.0
3.0
mV
2, 3
Iio
Input Offset
Current
Vcm = -15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
Vcc = +5V
-0.2
0.2
nA
1
Vcc = +5V
-0.4
0.4
nA
2, 3
Iib+
Input Bias
Current
Vcm = -15V
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
Vcm = 15V
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
-0.1
2
nA
1
-1.0
3.0
nA
2, 3
Vcc = +5V
-0.1
2
nA
1
Vcc = +5V
-0.1
3.0
nA
2, 3
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com