Electronic Components Datasheet Search
  English  ▼

X  

AD7846 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7846
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7846 Datasheet HTML 8Page - Analog Devices AD7846 Datasheet HTML 9Page - Analog Devices AD7846 Datasheet HTML 10Page - Analog Devices AD7846 Datasheet HTML 11Page - Analog Devices AD7846 Datasheet HTML 12Page - Analog Devices AD7846 Datasheet HTML 13Page - Analog Devices AD7846 Datasheet HTML 14Page - Analog Devices AD7846 Datasheet HTML 15Page - Analog Devices AD7846 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7846
Rev. G | Page 12 of 24
S1
VREF+
VREF–
DAC1
SEGMENT 1
SEGMENT 16
S3
S15
S17
S16
S14
S4
S2
DAC2
DAC3
12-BIT DAC
DB11 TO DB0
DB15 TO DB12
DB15 TO DB12
R
R
VOUT
RIN
A3
A2
A1
Figure 21. Digital-to-Analog Conversion
OUTPUT STAGE
The output stage of the AD7846 is shown in Figure 22. It is capable
of driving a 2 kΩ/1000 pF load. It also has a resistor feedback
network that allows the user to configure it for gains of 1 or 2.
Table 6 shows the different output ranges that are possible.
An additional feature is that the output buffer is configured as a
track-and-hold amplifier. Although normally tracking its input,
this amplifier is placed in a hold mode for approximately 2.5 μs
after the leading edge of LDAC. This short state keeps the DAC
output at its previous voltage while the AD7846 is internally
changing to its new value. Thus, any glitches that occur in the
transition are not seen at the output. In systems where the
LDAC is tied permanently low, the deglitching is not in
operation.
and
show the outputs of the
AD7846 without and with the deglitcher.
Figure 13
Figure 14
C1
LDAC
VOUT
RIN
DAC3
ONE
SHOT
10kΩ
10kΩ
Figure 22. Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com