Electronic Components Datasheet Search
  English  ▼

X  

AD7846 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7846
Description  LC2MOS 16-Bit Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7846 Datasheet HTML 12Page - Analog Devices AD7846 Datasheet HTML 13Page - Analog Devices AD7846 Datasheet HTML 14Page - Analog Devices AD7846 Datasheet HTML 15Page - Analog Devices AD7846 Datasheet HTML 16Page - Analog Devices AD7846 Datasheet HTML 17Page - Analog Devices AD7846 Datasheet HTML 18Page - Analog Devices AD7846 Datasheet HTML 19Page - Analog Devices AD7846 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7846
Rev. G | Page 16 of 24
MICROPROCESSOR INTERFACING
AD7846-TO-8086 INTERFACE
Figure 26 shows the 8086 16-bit processor interfacing to the
AD7846. The double buffering feature of the DAC is not used in
this circuit because LDAC is permanently tied to 0 V. AD0 to
AD15 (the 16-bit data bus) are connected to the DAC data bus
(DB0 to DB15). The 16-bit word is written to the DAC in one
MOV instruction and the analog output responds immediately.
In this example, the DAC address is 0xD000.
AD7846*
+5V
DATA BUS
CS
LDAC
CLR
R/W
DB0 TO DB15
16-BIT
LATCH
8086
ALE
DEN
RD
WR
AD0 TO AD15
ADDRESS
DECODE
ADDRESS BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
Figure 26. AD7846-to-8086 Interface Circuit
In a multiple DAC system, the double buffering of the AD7846
allows the user to simultaneously update all DACs. In Figure 27,
a 16-bit word is loaded to the input latches of each of the DACs
in sequence. Then, with one instruction to the appropriate
address, CS4 (that is, LDAC) is brought low, updating all the
DACs simultaneously.
+5V
DATA BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
16-BIT
LATCH
ADDRESS
DECODE
ADDRESS BUS
AD7846*
CS
LDAC
R/W
DB0 TO DB15
8086
ALE
DEN
RD
WR
AD0 TO AD15
CLR
CLR
+5V
CLR
+5V
AD7846*
CS
LDAC
R/W
DB0 TO DB15
AD7846*
CS
LDAC
R/W
DB0 TO DB15
Figure 27. AD7846-to-8086 Interface: Multiple DAC System
AD7846-TO-MC68000 INTERFACE
Interfacing between the AD7846 and MC68000 is accomplished
using the circuit of Figure 28. The following routine writes data
to the DAC latches and then outputs the data via the DAC latch.
1000
MOVE.W
#W,
D0
The desired DAC data,
W, is loaded into
Data Register 0. W
may be any value
between 0 and 65535
(decimal) or 0 and
FFFF (hexadecimal).
MOVE.W
D0,
$E000
The data, W, is
transferred between
D0 and the DAC
register.
MOVE.W
TRAP
#228,
D7
#14
Control is returned
to the System Monitor
using these two
instructions.
AD7846*
+5V
DATA BUS
CS
LDAC
CLR
R/W
MC68000
DS
DTACK
R/W
A1 TO A23
ADDRESS
DECODE
ADDRESS BUS
D0 TO D15
DB0 TO DB15
*LINEAR CIRCUITRY OMITTED FOR CLARITY
Figure 28. AD7846-to-MC68000 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com