Electronic Components Datasheet Search
  English  ▼

X  

SN74HC595ANSR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC595ANSR
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595ANSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC595ANSR Datasheet HTML 2Page - Texas Instruments SN74HC595ANSR Datasheet HTML 3Page - Texas Instruments SN74HC595ANSR Datasheet HTML 4Page - Texas Instruments SN74HC595ANSR Datasheet HTML 5Page - Texas Instruments SN74HC595ANSR Datasheet HTML 6Page - Texas Instruments SN74HC595ANSR Datasheet HTML 7Page - Texas Instruments SN74HC595ANSR Datasheet HTML 8Page - Texas Instruments SN74HC595ANSR Datasheet HTML 9Page - Texas Instruments SN74HC595ANSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54HC595
SN74HC595
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC595
SN74HC595
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.998
1.9
1.9
IOH = −20 μA
4.5 V
4.4
4.499
4.4
4.4
6 V
5.9
5.999
5.9
5.9
VOH
VI = VIH or VIL
QH′, IOH = −4 mA
3.98
4.3
3.7
3.84
V
4.5 V
QA−QH, IOH = −6 mA
3.98
4.3
3.7
3.84
QH′, IOH = −5.2 mA
5.48
5.8
5.2
5.34
6 V
QA−QH, IOH = −7.8 mA
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 μA
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
QH′, IOL = 4 mA
0.17
0.26
0.4
0.33
V
4.5 V
QA−QH, IOL = 6 mA
0.17
0.26
0.4
0.33
QH′, IOL = 5.2 mA
0.15
0.26
0.4
0.33
6 V
QA−QH, IOL = 7.8 mA
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0, QA−QH
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0, IO = 0
6 V
8
160
80
µA
2 V
Ci
3
10
10
10
pF
to 6 V
6
Submit Documentation Feedback
Copyright © 1982–2009, Texas Instruments Incorporated
Product Folder Link(s): SN54HC595 SN74HC595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com