Electronic Components Datasheet Search
  English  ▼

X  

SN74HC595ANSR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC595ANSR
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595ANSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC595ANSR Datasheet HTML 3Page - Texas Instruments SN74HC595ANSR Datasheet HTML 4Page - Texas Instruments SN74HC595ANSR Datasheet HTML 5Page - Texas Instruments SN74HC595ANSR Datasheet HTML 6Page - Texas Instruments SN74HC595ANSR Datasheet HTML 7Page - Texas Instruments SN74HC595ANSR Datasheet HTML 8Page - Texas Instruments SN74HC595ANSR Datasheet HTML 9Page - Texas Instruments SN74HC595ANSR Datasheet HTML 10Page - Texas Instruments SN74HC595ANSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN54HC595
SN74HC595
www.ti.com
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
TIMING REQUIREMENTS
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC595
SN74HC595
VCC
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
6 V
36
25
29
2 V
80
120
100
SRCLK or RCLK high or low
4.5 V
16
24
20
6 V
14
20
17
tw
Pulse duration
ns
2 V
80
120
100
SRCLR low
4.5 V
16
24
20
6 V
14
20
17
2 V
100
150
125
SER before SRCLK
↑
4.5 V
20
30
25
6 V
17
25
21
2 V
75
113
94
SRCLK
↑ before RCLK↑(1)
4.5 V
15
23
19
6 V
13
19
16
tsu
Setup time
ns
2 V
50
75
65
SRCLR low before RCLK
↑
4.5 V
10
15
13
6 V
9
13
11
2 V
50
75
60
SRCLR high (inactive) before SRCLK
↑
4.5 V
10
15
12
6 V
9
13
11
2 V
0
0
0
th
Hold time, SER after SRCLK
↑
4.5 V
0
0
0
ns
6 V
0
0
0
(1)
This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
Copyright © 1982–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN54HC595 SN74HC595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com