Electronic Components Datasheet Search
  English  ▼

X  

AD8331 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8331_10 Datasheet HTML 7Page - Analog Devices AD8331_10 Datasheet HTML 8Page - Analog Devices AD8331_10 Datasheet HTML 9Page - Analog Devices AD8331_10 Datasheet HTML 10Page - Analog Devices AD8331_10 Datasheet HTML 11Page - Analog Devices AD8331_10 Datasheet HTML 12Page - Analog Devices AD8331_10 Datasheet HTML 13Page - Analog Devices AD8331_10 Datasheet HTML 14Page - Analog Devices AD8331_10 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 11 of 56
Pin No.
Mnemonic
Description
27
GAIN34
Gain Control Voltage for CH3 and CH4.
28
CLMP34
Output Clamping Level Input for CH3 and CH4.
29
HILO
Gain Select for Postamp 0 dB or 12 dB.
30
VCM4
CH4 Common-Mode Voltage—AC Bypass.
31
VCM3
CH3 Common-Mode Voltage—AC Bypass.
32
NC
No Connect.
33
COM34
VGA Ground CH3 and CH4.
34
VOH4
CH4 Positive VGA Output.
35
VOL4
CH4 Negative VGA Output.
36
VPS34
VGA Supply 5 V CH3 and CH4.
37
VOL3
CH3 Negative VGA Output.
38
VOH3
CH3 Positive VGA Output.
39
COM34
VGA Ground CH3 and CH4.
40
NC
No Connect.
41
MODE
Gain Control Slope, Logic Input, 0 = Positive.
42
COM12
VGA Ground CH1 and CH2.
43
VOH2
CH2 Positive VGA Output.
44
VOL2
CH2 Negative VGA Output.
45
VPS12
CH2 VGA Supply 5 V CH1 and CH2.
46
VOL1
CH1 Negative VGA Output.
47
VOH1
CH1 Positive VGA Output.
48
COM12
VGA Ground CH1 and CH2.
49
VCM2
CH2 Common-Mode Voltage—AC Bypass.
50
VCM1
CH1 Common-Mode Voltage—AC Bypass.
51
EN34
Shared LNA/VGA Enable CH3 and CH4.
52
EN12
Shared LNA/VGA Enable CH1 and CH2.
53
CLMP12
Output Clamping Level Input CH1 and CH2.
54
GAIN12
Gain Control Voltage CH1 and CH2.
55
VPS1
CH1 LNA Supply 5 V.
56
VIN1
CH1 VGA Negative Input.
57
VIP1
CH1 VGA Positive Input.
58
LOP1
CH1 LNA Positive Output.
59
LON1
CH1 LNA Feedback Output (for RIZ).
60
NC
Not Connected.
61
LMD1
CH 1 LNA Midsupply Pin; Connect a Capacitor for Midsupply HF Bypass.
62
INH1
CH1 LNA Input.
63
COM1
CH1 LNA Ground.
64
COM2
CH2 LNA Ground.
EPAD
The exposed paddle must be soldered to the PCB ground to ensure proper heat dissipation,
noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com