Electronic Components Datasheet Search
  English  ▼

X  

AD8331 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8331_10 Datasheet HTML 19Page - Analog Devices AD8331_10 Datasheet HTML 20Page - Analog Devices AD8331_10 Datasheet HTML 21Page - Analog Devices AD8331_10 Datasheet HTML 22Page - Analog Devices AD8331_10 Datasheet HTML 23Page - Analog Devices AD8331_10 Datasheet HTML 24Page - Analog Devices AD8331_10 Datasheet HTML 25Page - Analog Devices AD8331_10 Datasheet HTML 26Page - Analog Devices AD8331_10 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 23 of 56
INH
0.1µF
OSCILLOSCOPE
IN
50Ω
22pF
50Ω
FB*
120nH
*FERRITE BEAD
18nF
28Ω
237Ω
28Ω
237Ω
1:1
270Ω
LMD
0.1µF
DUT
0.1µF
0.1µF
Figure 66. Test Circuit—Pulse Response Measurements
INH
DIFF
PROBE
0.1µF
OSCILLOSCOPE
CH1 CH2
22pF
18nF 270Ω
RF
SIGNAL
GENERATOR
TO PIN GAIN
OR PIN ENxx
50Ω
50Ω
PULSE
GENERATOR
9.5dB
FB*
120nH
*FERRITE BEAD
255Ω
255Ω
LMD
0.1µF
DUT
0.1µF
0.1µF
Figure 67. Test Circuit—Gain and Enable Transient Response
INH
DIFF
PROBE
0.1µF
22pF
RF
SIGNAL
GENERATOR
50Ω
PROBE
POWER
50Ω
NETWORK
ANALYZER
IN
OUT 50Ω
FB*
120nH
*FERRITE BEAD
18nF 270Ω
255Ω
255Ω
LMD
0.1µF
0.1µF
0.1µF
TO POWER
PINS
DUT
Figure 68. Test Circuit—PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com