Electronic Components Datasheet Search
  English  ▼

X  

AD9778-EB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9778-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778-EB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9778-EB Datasheet HTML 37Page - Analog Devices AD9778-EB Datasheet HTML 38Page - Analog Devices AD9778-EB Datasheet HTML 39Page - Analog Devices AD9778-EB Datasheet HTML 40Page - Analog Devices AD9778-EB Datasheet HTML 41Page - Analog Devices AD9778-EB Datasheet HTML 42Page - Analog Devices AD9778-EB Datasheet HTML 43Page - Analog Devices AD9778-EB Datasheet HTML 44Page - Analog Devices AD9778-EB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 41 of 56
POWER-DOWN AND SLEEP MODES
INTERLEAVED DATA MODE
The AD977x has a variety of power-down modes, so that the
digital engine, main TxDACs, or auxiliary DACs can be powered
down individually or together. Via the SPI port, the main TxDACs
can be placed in sleep or power-down mode. In sleep mode, the
TxDAC output is turned off, thus reducing power dissipation.
The reference remains powered on, however, so that recovery
from sleep mode is very fast. With the power-down mode bit
set (Register 0x00, Bit 4), all analog and digital circuitry, including
the reference, is powered down. The SPI port remains active in
this mode. This mode offers more substantial power savings
than sleep mode, but the turn-on time is much longer. The
auxiliary DACs also have the capability to be programmed into
sleep mode via the SPI port. The auto power-down enable bit
(Register 0x00, Bit 3) controls the power-down function for the
digital section of the devices. The auto power-down function
works in conjunction with the TXENABLE pin (Pin 39) according
to the following:
The TxEnable bit is dual function. In dual port mode, it is
simply used to power down the digital section of the devices. In
interleaved mode, the IQ data stream is synchronized to
TXENABLE. Therefore, to achieve IQ synchronization,
TXENABLE should be held low until an I data word is present at
the inputs to Data Port 1. If a DATACLK rising edge occurs
while TXENABLE is at a high logic level, IQ data becomes
synchronized to the DATACLK output. TXENABLE can remain
high and the input IQ data remains synchronized. To be
backwards-compatible with previous DACs from Analog
Devices, Inc. such as the AD9777 and AD9786, the user can
also toggle TXENABLE once during each data input cycle, thus
continually updating the synchronization. If TXENABLE is
brought low and held low for multiple REFCLK cycles, then the
devices flush the data in the interpolation filters, and shut down
the digital engine after the filters are flushed. The amount of
REFCLK cycles it takes to go into this power-down mode is
then a function of the length of the equivalent 2×, 4×, or 8×
interpolation filter. The timing of TXENABLE, I/Q select, filter
flush, and digital power-down are shown in Figure 91.
TXENABLE (Pin 39) =
0: autopower-down enable =
0: flush data path with 0s
1: flush data for multiple REFCLK cycles; then
automatically place the digital engine in power-down
state. DACs, reference, and SPI port are not affected.
INTERLEAVED
INPUT DATA
TxENABLE CAN REMAIN
HIGH OR TOGGLE FOR
I/Q SYNCHRONIZATION
I1
Q1
I2
Q2
TxENABLE
FLUSHING
INTERPOLATION
FILTERS
POWER
DOWN DIGITAL
SECTION
or TXENABLE (Pin 39) =
1: normal operation
As shown in Figure 90, the power dissipation saved by using the
power down mode is nearly proportional to the duty cycle of
the signal at the TXENABLE pin.
Figure 91. TXENABLE Function
The TXENABLE function can be inverted by changing the
status of Register 0x02, Bit 1. The other bit that controls IQ
ordering is the Q-first bit (Register 0x02, Bit 0). With the Q-first
bit reset to the default of 0, the IQ pairing that is latched is the
I1Q1, I2Q2, and so on. With IQ first set to 1, the first I data is
discarded and the pairing is I2Q1, I3Q2, and so on. Note that
with IQ-first set, the I data is still routed to the internal I
channel, the Q data is routed to the internal Q channel, and
only the pairing changes.
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
100
80
60
40
20
DUTY CYCLE (%)
2× INT
fDATA = 50MSPS
8× INT
fDATA = 50MSPS
2× INT
fDATA = 200MSPS
4× INT
fDATA = 50MSPS
4× INT
fDATA = 200MSPS
8× INT
fDATA = 200MSPS
TIMING INFORMATION
Figure 92 to Figure 95 show some of the various timing
possibilities when the PLL is enabled. The combination of the
settings of N2 and N3 from Figure 74 means that the reference
clock frequency can be a multiple of the actual input data rate.
Figure 92 to Figure 95 show, respectively, what the timing looks
like when N2/N3 = 1 and 2.
Figure 90. Power Savings Based on Duty Cycle of TxEnable
If the TxEnable invert bit (Register 0x02, Bit 1) is set, the
function of this TXENABLE pin is inverted.
In interleaved mode, set-up and hold times of DATACLK out to
data in are the same as those shown in Figure 92 to Figure 95. It
is recommended that any toggling of TXENABLE occur
concurrently with the digital data input updating. In this way,
timing margins between DATACLK, TXENABLE, and digital
input data are optimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com