Electronic Components Datasheet Search
  English  ▼

X  

AD9778-EB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9778-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778-EB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9778-EB Datasheet HTML 17Page - Analog Devices AD9778-EB Datasheet HTML 18Page - Analog Devices AD9778-EB Datasheet HTML 19Page - Analog Devices AD9778-EB Datasheet HTML 20Page - Analog Devices AD9778-EB Datasheet HTML 21Page - Analog Devices AD9778-EB Datasheet HTML 22Page - Analog Devices AD9778-EB Datasheet HTML 23Page - Analog Devices AD9778-EB Datasheet HTML 24Page - Analog Devices AD9778-EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 21 of 56
100
50
0
400
fOUT (MHz)
90
80
70
60
40
80
120
160
200
240
280
320
360
4
× 200MSPS
4
× 150MSPS
4
× 100MSPS
Figure 38. AD9778 IMD, 4× Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 250MSPS
fDATA = 200MSPS
fDATA = 160MSPS
Figure 39. AD9778 In-Band SFDR, 2× Interpolation
–90
0
250
fOUT (MHz)
–70
–80
–60
25
50
75
100
125
150
175
200
225
1ST ADJ CHAN
2ND ADJ CHAN
3RD ADJ CHAN
Figure 40. AD9778 ACLR, Single-Carrier WCDMA, 4× Interpolation,
fDATA = 122.88 MSPS, Amplitude = −3 dBFS
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.74dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.884MHz
3.840MHz
3.840MHz
dBc
–76.49
–80.13
–80.90
dBm
–89.23
–92.87
–93.64
LOWER
dBc
–76.89
–80.02
–79.53
dBm
–89.63
–92.76
–92.27
UPPER
REF –25.39dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 4dB
Figure 41. AD9778 ACLR, fDATA = 122.88 MSPS, 4× Interpolation,
fDAC/4 Modulation
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 42. AD9778 Noise Spectral Density vs. fDAC Eight-Tone Input
with 500 kHz Spacing, fDATA = 200 MSPS
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 43. AD9778 Noise Spectral Density vs. fDAC Single-Tone Input
at −6 dBFS, fDATA = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com