Electronic Components Datasheet Search
  English  ▼

X  

PEC11S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11S
Description  PEC11S Series - 12 mm SMD Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11S Datasheet HTML 1Page - Bourns Electronic Solutions PEC11S Datasheet HTML 2Page - Bourns Electronic Solutions PEC11S Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15.0
(.591)
8.1
(.319)
11.7
(.461)
DE
AC
B
2.0 +0.03/-0.05
(.079 +.001/-.002)
DIA.
1.5 +0.03/-0.05
(.059 +.001/-.002)
DIA.
1.2
(.047)
(ENCODER)
(SWITCH
OR
DUMMY
TERMINALS)
5 PLCS.
1.0
(.039)
3.0
(.118)
14.2
(.559)
18.0
(.709)
≤ 10
≤ (.394)
TOLERANCES (UNLESS OTHERWISE NOTED):
(BOTTOM VIEW)
(SIDE VIEW)
(TOP VIEW)
Common Dimensions
=
±0.3
±(.012)
> 10
>(.394)
=
±0.5
±(.020)
5.0
(.197)
1.0
(.039)
5.0
(1.97)
4.5
(.177)
(TOP VIEW)
15.0
(.591)
8.1
(.319)
11.7
(.461)
DE
AC
B
3.0
(.118)
14.2
(.559)
18.0
(.709)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PEC11S Series - 12 mm SMD Incremental Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Solder Profile
Applications
Level control, tuning and timer settings in:
■ Audio-visual equipment
■ Consumer electric appliances
■ Radios
■ Musical instrumentation
■ Communications equipment
60 Seconds Max.
300
200
80~100 Seconds
Processing Method: Reflow soldering with infrared heat or forced air convection (only once).
Time
150 ± 5 °C
260 °C Max.
(3 Seconds Max.)
100
Recommended PCB Layout
2.05 +0.1/-0
(.081 +.004/-0)
DIA.
HOLES
2.2 x 1.55 +0.1/-0
(.087 x .061 +.004/-0)
DIA.
HOLES
1.3 ± 0.1
(.051 ± .004)
5 PLCS.
2 PLCS.
8.2 ± 0.1
(.323 ± .004)
8.5 ± 0.1
(.335 ± .004)
12.6 + 0.1
(.496 ± .004)
19.0 + 0.1
(.748 ± .004)
2.4 ± .01
(.094 ± .004)
4.5 ± 0.1
(.177 ± .004)
4.0 ± 0.1
(.157 ± .004)
6.3 ± 0.1
(.248 ± .004)
7.5 ± 0.1
(.295 ± .004)
12.5 ± 0.1
(.492 ± .004)
5.0 ± 0.1
(.197 ± .004)
9.0 ± 0.1
(.354 ± .004)
16.5 ± 0.1
(.650 ± .004)
Notes:
1. No clean solder paste is recommended.
2. Aqueous wash is not recommended.
3. Use of water soluble soldering flux shall
be avoided due to possible corrosion.
4. Multiple passes through the soldering
process is not recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com