Electronic Components Datasheet Search
  English  ▼

X  

PEC11S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC11S
Description  PEC11S Series - 12 mm SMD Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC11S Datasheet HTML 1Page - Bourns Electronic Solutions PEC11S Datasheet HTML 2Page - Bourns Electronic Solutions PEC11S Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LB
L2
L3
L1
C
OR C
0.5
(.020)
1.0
(.039)
6.0
(.236)
DIA.
18 TEETH
1.0
(.039)
7.0
(.276)
DIA.
LB
L2
L1
OR C
C
0.5
(.020)
1.0
(.039)
6.0
(.236)
7.0
(.276)
DIA.
DIA.
4.5
(.177)
LB
L2
1.6
(.063)
L1
C
0.5
(.020)
6.0
(.236)
DIA.
18
TEETH
1.0
(.039)
7.0
(.276)
DIA.
PEC11S with 1.5 mm Switch Travel
KNURLED SHAFT
FLATTED SHAFT
L1
LB
L2
L3
15
(.591)
5
(.197)
6
(.236)
6.5
(.256)
20
(.787)
7
(.276)
8
(.315)
9
(.354)
L1
LB
L2
15
(.591)
5
(.197)
7
(.276)
20
(.787)
7
(.276)
10
(.394)
L1
LB
L2
9.5
(.374)
5
(.197)
2.9
(.114)
13.5
(.531)
5
(.197)
6.9
(.272)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PEC11S Series - 12 mm SMD Incremental Encoder
Product Dimensions - Shaft Styles
DIMENSIONS:
MM
(INCHES)
REV. 03/13
LB
L2
L3
L1
C
OR C
0.5
(.020)
1.0
(.039)
6.0
(.236)
DIA.
18 TEETH
1.0
(.039)
7.0
(.276)
DIA.
LB
L2
1.6
(.063)
L1
C
0.5
(.020)
6.0
(.236)
DIA.
18 TEETH
1.0
(.039)
7.0
(.276)
DIA.
LB
L2
L1
OR C
C
0.5
(.020)
1.0
(.039)
6.0
(.236)
7.0
(.276)
DIA.
DIA.
4.5
(.177)
PEC11S without Switch
KNURLED SHAFT
FLATTED SHAFT
L1
LB
L2
L3
15
(.591)
5
(.197)
8
(.315)
7
(.276)
20
(.787)
7
(.276)
10
(.394)
11
(.433)
L1
LB
L2
9.5
(.374)
5
(.197)
4.5
(.177)
L1
LB
L2
15
(.591)
5
(.197)
7
(.276)
20
(.787)
7
(.276)
12
(.472)
LB
L2
L3
L1
C
OR C
0.5
(.020)
1.0
(.039)
6.0
(.236)
DIA.
18 TEETH
1.0
(.039)
7.0
(.276)
DIA.
LB
L2
L1
OR C
C
0.5
(.020)
1.0
(.039)
6.0
(.236)
7.0
(.276)
DIA.
DIA.
4.5
(.177)
LB
L2
1.6
(.063)
L1
C
0.5
(.020)
6.0
(.236)
DIA.
18
TEETH
1.0
(.039)
7.0
(.276)
DIA.
PEC11S with 0.5 mm Switch Travel
KNURLED SHAFT
FLATTED SHAFT
L1
LB
L2
L3
15
(.591)
5
(.197)
7
(.276)
9
(.354)
20
(.787)
7
(.276)
9
(.354)
10
(.394)
L1
LB
L2
9.5
(.374)
5
(.197)
3
(.118)
15
(.591)
5
(.197)
7
(.276)
20
(.787)
7
(.276)
10
(.394)
L1
LB
L2
9.5
(.374)
5
(.197)
2.9
(.114)
13.5
(.531)
5
(.197)
6.9
(.272)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com