Electronic Components Datasheet Search
  English  ▼

X  

E7320 Datasheet(PDF) 13 Page - Intel Corporation

Part # E7320
Description  Intel짰 E7320 Memory Controller Hub (MCH)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E7320 Datasheet(HTML) 13 Page - Intel Corporation

Back Button E7320 Datasheet HTML 9Page - Intel Corporation E7320 Datasheet HTML 10Page - Intel Corporation E7320 Datasheet HTML 11Page - Intel Corporation E7320 Datasheet HTML 12Page - Intel Corporation E7320 Datasheet HTML 13Page - Intel Corporation E7320 Datasheet HTML 14Page - Intel Corporation E7320 Datasheet HTML 15Page - Intel Corporation E7320 Datasheet HTML 16Page - Intel Corporation E7320 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Intel® E7320 Memory Controller Hub (MCH) Specification Update
13
Errata
Implication:
Software cannot rely on these bits.
Workaround:
Refer to your Intel Representative for workaround details.
Status:
For the steppings effected, see the Summary Table of Changes.
14.
MCH transitions from Polling.Active prematurely
Problem:
During a standard link training sequence, the MCH should remain in Polling.Active until TS1
ordered sets with link and lane set to PAD are received on all lanes that passed Receiver Detect.
Because the MCH does not explicitly check for PAD on the link and lane numbers, it is possible for
the MCH to transition from Polling.Active to Polling.Config when a downstream device is not
executing a standard link training sequence (i.e. when the downstream device is actually in
recovery or reset).
Implication:
This early transition to Polling.Config may result in a degraded link width (e.g. a x4 port may train
as x1), but the link will train.
Workaround:
None required.
Status:
For the steppings effected, see the Summary Table of Changes.
15.
Non-fatal completion timeout errors observed on PCI Express devices
Problem:
When PCI configuration accesses are made on secondary buses to MCH PCI Express bridges
(Device 2-3, Function 0), non-fatal completion timeout errors (EXP_UNCERRSTS, Device 2-3,
Function 0, Offset 104h bit 14) may be observed in the MCH. This condition also applies to PCI
configuration accesses on any downstream device that is in the hot reset state or is disabled.
Implication:
The system may escalate non-fatal PCI Express completion timeout errors inadvertently.
Workaround:
There are two viable workarounds:
1. Mask the completion timeout errors on MCH PCI Express bridge devices with unpopulated
slots as identified by the Present Detect State bit (EXP_SLTSTS, Device 2-3, Function 0,
Offset 7Eh bit 6) in the PCI Express Slot Status register. If a device is present but disabled or in
the hot reset state then the L ink Active bit (VS_STS1, Device 2-3, Function 0, Offset 47h bit
1) should be verified for link status.
2. Construct a completion timeout handler to clear the error and return if the Present Detect State
bit and the Link Active bit are clear.
Status:
For the steppings effected, see the Summary Table of Changes.
16.
MCH fails to train when non-TS1/TS2 training sequences are received
Problem:
During the PCI Express training sequence, if a broken endpoint or a good endpoint on a broken
board has correct receiver termination on any lane and transmits signals on that lane that can be
seen at the MCH and are not valid TS1/TS2 training sequences, the MCH will fail to train that link
at all.
Implication:
The PCI Express specification intends that, if some lanes are transmitting bogus data instead of
valid training sequences, those lanes should be treated as broken, and the link should fail down to
an acceptable width (such as x1). If lane 0 were failing in this manner, the link would fail to train
per the PCI Express specification. If a higher-numbered lane were failing in this manner, the PCI
DRAM_SCRB_ADD
D0:F1:A8-ABh
DRAM_RETR_ADD
D0:F1:AC-AFh
DRAM_SEC2_ADD
D0:F1:C8-CBh
Register
Device:Function:Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com