Electronic Components Datasheet Search
  English  ▼

X  

E7320 Datasheet(PDF) 21 Page - Intel Corporation

Part # E7320
Description  Intel짰 E7320 Memory Controller Hub (MCH)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E7320 Datasheet(HTML) 21 Page - Intel Corporation

Back Button E7320 Datasheet HTML 14Page - Intel Corporation E7320 Datasheet HTML 15Page - Intel Corporation E7320 Datasheet HTML 16Page - Intel Corporation E7320 Datasheet HTML 17Page - Intel Corporation E7320 Datasheet HTML 18Page - Intel Corporation E7320 Datasheet HTML 19Page - Intel Corporation E7320 Datasheet HTML 20Page - Intel Corporation E7320 Datasheet HTML 21Page - Intel Corporation E7320 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Intel® E7320 Memory Controller Hub (MCH) Specification Update
21
Documentation Changes
Documentation Changes
There are no Documentation Changes in this revision of the Specification Update.
1.
Interupt Redirection
The bit definition for the hardware interrupt redirection has been added. The following changes
will be reflected in the next release of the Datasheet.
REDIRCTL - Redirection Control - (D8:F0)
Address Offset:
4C - 4Fh
Access:
R/W, RO
Size:
32 bits
Default Value:
0000_648Ch
Bit Field
Default & Access
Description
31:14
00001h
Reserved
13
1b
R/W
Interrupt Redirection Algorithm (XTPR).
0 = LRU (least recently used within the lowest priority pool)
1 = highest number in lowest priority pool, default
12:0
048Ch
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com