Electronic Components Datasheet Search
  English  ▼

X  

910GMLE Datasheet(PDF) 1 Page - Intel Corporation

Part # 910GMLE
Description  Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GMLE Datasheet(HTML) 1 Page - Intel Corporation

  910GMLE Datasheet HTML 1Page - Intel Corporation 910GMLE Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Overview
The Mobile Intel® 910GMLE Express chipset offers an optimized
integrated graphics solution with a 400 MHz front-side bus. The
integrated 32-bit 3D graphics engine, based on Intel® Graphics
Media Accelerator 900 (Intel® GMA 900) architecture, operates at
core speeds of up to 200 MHz. The chipset consists of the Intel®
910GMLE Graphic Memory Controller Hub (GMCH) and the Intel®
I/O Controller Hub 6-M (ICH6-M). It features a low-power design,
is validated with Intel® Celeron® M processors on 90nm process,
and supports up to 2 GB of DDR2 400 MHz system memory.
Intel’s platform architecture delivers the performance and high
scalability required for today’s embedded computing applica-
tions. The Intel 910GMLE GMCH and ICH6-M are part of Intel’s
comprehensive validation process that enables fast deployment
of platforms to maximize competitive advantage while minimizing
development risks.
Product Highlights
• Designed, validated, and optimized for Intel Celeron M
processors on 90nm
• 400 MHz front-side bus delivers a high-bandwidth connection
between the processor and platform
• Supports dual-channel non-ECC DDR2 400 MHz and single-
channel DDR 333
• New graphics core based on Intel GMA 900
• Long-term system reliability over wide operating conditions
• Direct Media Interface (DMI) chip interconnect can be
implemented x4 or x2 widths, and provides up to 1 GB/s
in each direction in full duplex
• Four USB host controllers provide high-performance peripherals
with 480 Mb/s of bandwidth, while enabling support for up to
eight USB 2.0 ports. This results in a significant increase over
previous integrated one- to four-port hubs at 12 Mb/s
• Four x1 PCI Express ports, fully PCI Express 1.0a-compliant, and
support for full 250 MB/s in each direction
• Intel® High Definition Audio† (Intel® HD Audio) interface for full
surround sound support
• LAN Connect Interface (LCI) provides flexible network solutions
such as 10/100 Mb/s Ethernet and 10/100 Mb/s Ethernet with
LAN manageability
• Integrated Serial ATA host controller supports two ports and
data transfers up to 1.5 MB/s
Product Brief
Mobile Intel® 910GMLE Express Chipset
Embedded Computing
Mobile Intel® 910GMLE Express Chipset for
Embedded Computing


Similar Part No. - 910GMLE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
910GL INTEL-910GL Datasheet
3Mb / 426P
Express Chipset
More results

Similar Description - 910GMLE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
Mobile Intel 945GM Express Chipset for Embedded Computing
QG82945G INTEL-QG82945G Datasheet
215Kb / 2P
Intel짰 945G Express and Intel짰 945GC Express Chipsets for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
Mobile Intel짰 945GME Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
Mobile Intel짰 945GSE Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
Mobile Intel짰 915GME Express Chipset for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
RG82875 INTEL-RG82875 Datasheet
186Kb / 2P
Intel 875P Chipset for Embedded Computing
logo
List of Unclassifed Man...
MI-NM70D ETC2-MI-NM70D Datasheet
134Kb / 1P
Intel짰 NM70 Express Chipset
logo
Intel Corporation
QM57 INTEL-QM57 Datasheet
479Kb / 2P
Intel짰 Core??i5 Processor with Mobile Intel짰 QM57 Express Chipset Development Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com