Electronic Components Datasheet Search
  English  ▼

X  

910GMLE Datasheet(PDF) 2 Page - Intel Corporation

Part # 910GMLE
Description  Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GMLE Datasheet(HTML) 2 Page - Intel Corporation

  910GMLE Datasheet HTML 1Page - Intel Corporation 910GMLE Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Highlights (continued)
Mobile Intel® 910GMLE Express Chipset for Embedded Computing
Product
Product Code
Package
Features
Intel® 910GMLE Graphics Memory
Controller Hub (GMCH)
QG82910GMLE
1257 µFC-BGA
• 400 MHz front-side bus
• Up to DDR2 400 MHz system memory
• Intel® Graphics Media Accelerator 900
Intel® I/O Controller Hub 6-M (ICH6-M)
NH82801FBM
609 µ-BGA
• Direct connection to GMCH via Direct Media Interface
• Supports four PCI Express root ports
• Two-port Serial ATA controller
• Support for up to eight USB 2.0 ports
• Intel® High Definition Audio† interface
†
Intel® High Definition Audio requires a system with an appropriate Intel chipset and a motherboard with an appropriate codec and the necessary drivers installed.
System sound quality will vary depending on actual implementation, controller, codec, drivers and speakers. For more information about Intel® HD audio, refer to
www.intel.com http://www.intel.com/
Intel Access
Embedded Intel® Architecture Home Page:
intel.com/design/intarch
Developer’s Site:
intel.com/design
Intel in Embedded and Communications:
intel.com/go/embedded
General Information Hotline:
(800) 628-8686 or (916) 356-3104 5 a.m. to 5 p.m. PST
Intel® Literature Center:
(800) 548-4725 7 a.m. to 7 p.m. CST (U.S. and Canada)
International locations please contact your local sales office..
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY
RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL
DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR
PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
Intel products are not intended for use in medical, life saving, life sustaining, critical control or safety systems, or in nuclear facility applications. Intel may make changes to specifications and product
descriptions at any time, without notice. Designers must not rely on the absence or characteristics of any features or instructions marked “reserved” or “undefined.” Intel reserves these for future
definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them. The information here is subject to change without notice. Do not finalize
a design with this information. The products described in this document may contain design defects or errors known as errata which may cause the product to
deviate from published specifications. Current characterized errata are available on request. Contact your local Intel sales office or your distributor to obtain the
latest specifications and before placing your product order. Copies of documents which have an order number and are referenced in this document, or other Intel
literature, may be obtained by calling 1-800-548-4725, or by visiting Intel’s Web Site http://www.intel.com/.
Intel, the Intel logo, Intel. Leap ahead., Intel. Leap ahead. logo, and Celeron are trademarks of Intel Corporation in the U.S. and other countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2007 Intel Corporation. All rights reserved.
Printed in USA
0407/KSC/OCG/XX/PDF
Please Recycle
317225-001US
Display
• Analog display support
• Dual display support
– Independent: different images and native display
timings on each display device
– Simultaneous: same images and native display
timings on each display device
• SDVO support
– Dual SDVO channels provide support for a wide
array of displays
• Dedicated Local Flat Panel (LFP) LVDS interface
Internal Graphics Features
• Core frequency
– Display core frequency up to 200 MHz
– Render core frequency up to 166 MHz
– Dynamic Video Memory Technology (DVMT) 3.0
to dynamically allocate up to 128 MB of system
memory for graphics usage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com